データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA42071 データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LA42071
部品情報  Audio Output for TV Application 5W횞1ch Power Ampilfier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42071 データシート(HTML) 6 Page - Sanyo Semicon Device

  LA42071 Datasheet HTML 1Page - Sanyo Semicon Device LA42071 Datasheet HTML 2Page - Sanyo Semicon Device LA42071 Datasheet HTML 3Page - Sanyo Semicon Device LA42071 Datasheet HTML 4Page - Sanyo Semicon Device LA42071 Datasheet HTML 5Page - Sanyo Semicon Device LA42071 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LA42051
No.A1037-6/6
PS
This catalog provides information as of March, 2008. Specifications and information herein are subject
to change without notice.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
SVRR - Vr
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Vr [Vrms]
Vcc=18V
RL=8
Ω
Rg=0
Ω
fr=100Hz
Cvcc=1
μF
SVRR=20log(Vo/Vr)
Pd-Po
0
0.5
1
1.5
2
2.5
3
0.1
1
10
Po[W]
Vcc=18V
Vcc=14V
Vcc=12V
RL=8
Ω
Rg=600
Ω
f=1kHz


同様の部品番号 - LA42071

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA42071 SANYO-LA42071 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results

同様の説明 - LA42071

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com