データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA73031V データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LA73031V
部品情報  For DVD Recorder Video Signal Input Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73031V データシート(HTML) 4 Page - Sanyo Semicon Device

  LA73031V Datasheet HTML 1Page - Sanyo Semicon Device LA73031V Datasheet HTML 2Page - Sanyo Semicon Device LA73031V Datasheet HTML 3Page - Sanyo Semicon Device LA73031V Datasheet HTML 4Page - Sanyo Semicon Device LA73031V Datasheet HTML 5Page - Sanyo Semicon Device LA73031V Datasheet HTML 6Page - Sanyo Semicon Device LA73031V Datasheet HTML 7Page - Sanyo Semicon Device LA73031V Datasheet HTML 8Page - Sanyo Semicon Device LA73031V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LA73031V
No.A0240-4/10
Package Dimensions
unit : mm (typ)
3277
Control Specification
Pin control voltage Low level: 0 to 0.7V, High level: 2.6 to 5V
Input selection control
PIN21
PIN19
PIN17
PIN9
PIN4
PIN23
Output
INSEL3
INSEL2
INSEL1
YOUTSEL
COMPONENT
Stand-by
CVBSOUT
Y OUT
C OUT
C.SYNC
L
L
L
L
L
L
CVBS1
Y1
C1
Y1
L
L
H
L
L
L
CVBS2
Y2
C2
Y2
L
H
L
L
L
L
CVBS3
Y3
C3
Y3
L
H
H
L
L
L
CVBS4
Y4
C4
Y4
H
L
L
L
L
L
CVBS5
Y5
C5
Y5
L
L
L
H
L
L
CVBS1
CVBS1
C1
CVBS1
L
L
H
H
L
L
CVBS2
CVBS2
C2
CVBS2
L
H
L
H
L
L
CVBS3
CVBS3
C3
CVBS3
L
H
H
H
L
L
CVBS4
CVBS4
C4
CVBS4
H
L
L
H
L
L
CVBS5
CVBS5
C5
CVBS5
H
L
Cb
Y1
Cr (C1)
Y1
H
CVBS2/Y2 (
∗1)
Other Controls
Pin No
Control item
L control
H control
7
Gain-CTL
0dB
6dB
28
LPF ON/OFF
ON
OFF
∗1: At the time of standby, if a signal is in Y2, the sync of the signal of Y2 will be separated.
Standby mode
CVBS2
Y2
C.Sync output
Input
No Input
CVSB2
Input
Input
Y2
No Input
Input
Y2
∗2: Since Pin25 is test mode control, please apply GND level.
15.0
0.65
(0.68)
44
23
1
22
0.22
0.2
SANYO : SSOP44(275mil)


同様の部品番号 - LA73031V

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LA73031V ONSEMI-LA73031V Datasheet
436Kb / 10P
   Video Signal Input Switch
July, 2013
More results

同様の説明 - LA73031V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
LV71081E SANYO-LV71081E Datasheet
387Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
LV7107M SANYO-LV7107M Datasheet
916Kb / 35P
   Bi-CMOS IC For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
Panasonic Semiconductor
DMR-ES10EB PANASONIC-DMR-ES10EB Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
logo
Rohm
BH7602FS ROHM-BH7602FS Datasheet
306Kb / 6P
   Wide Bandwidth video Driver for DVD recorder
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
   Audio Switch IC for DVD Recorder
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
BH7625KS2 ROHM-BH7625KS2 Datasheet
414Kb / 6P
   Input switching interface LSI for the DVD recorder
logo
ON Semiconductor
LA73031V ONSEMI-LA73031V Datasheet
436Kb / 10P
   Video Signal Input Switch
July, 2013
logo
Mitsumi Electronics, Co...
MM1623XFBE MITSUMI-MM1623XFBE Datasheet
145Kb / 12P
   Video Signal Driver for DVD Player MM1623XFBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com