データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA75501 データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LA75501
部品情報  For Use in TV/VCR Applications VIF/SIF Signal Processing IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75501 データシート(HTML) 5 Page - Sanyo Semicon Device

  LA75501 Datasheet HTML 1Page - Sanyo Semicon Device LA75501 Datasheet HTML 2Page - Sanyo Semicon Device LA75501 Datasheet HTML 3Page - Sanyo Semicon Device LA75501 Datasheet HTML 4Page - Sanyo Semicon Device LA75501 Datasheet HTML 5Page - Sanyo Semicon Device LA75501 Datasheet HTML 6Page - Sanyo Semicon Device LA75501 Datasheet HTML 7Page - Sanyo Semicon Device LA75501 Datasheet HTML 8Page - Sanyo Semicon Device LA75501 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LA75501
No.A0789-5/11
1
12
24
13
21.0
0.95
1.78
0.48
0.9
(0.71)
SANYO : DIP24S(300mil)
Package Dimensions
unit : mm
3067B
Pin Assignment
1
2
3
4
5
6
7
8
9
10
11
12
SIF INPUT
FM FILTER
1st SIF OUT
VIDEO DET OUT
SIF AGC FILTER
APC FILTER
FLL FILTER
VCO COIL
VCO COIL
SYSTEM SW (A)
SYSTEM SW (B)
4MHz OSC
24
23
22
21
20
19
18
17
16
15
14
13 AFT OUT
RF AGC OUT
IF AGC FILTER
1st SIF INPUT
VCC
GND
VIF INPUT
VIF INPUT
FILTER CONTROL CAPACITOR
SIF PLL FILTER
RF AGC VR
FM DET OUT
LA75501


同様の部品番号 - LA75501

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
More results

同様の説明 - LA75501

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75695VA SANYO-LA75695VA Datasheet
286Kb / 12P
   For Use in TV/VTR Applications IF Signal Processing (VIFSIFSIF converter)
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
logo
Panasonic Semiconductor
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com