データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA79500E データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LA79500E
部品情報  For TV 6-input, 3-output Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79500E データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LA79500E Datasheet HTML 2Page - Sanyo Semicon Device LA79500E Datasheet HTML 3Page - Sanyo Semicon Device LA79500E Datasheet HTML 4Page - Sanyo Semicon Device LA79500E Datasheet HTML 5Page - Sanyo Semicon Device LA79500E Datasheet HTML 6Page - Sanyo Semicon Device LA79500E Datasheet HTML 7Page - Sanyo Semicon Device LA79500E Datasheet HTML 8Page - Sanyo Semicon Device LA79500E Datasheet HTML 9Page - Sanyo Semicon Device LA79500E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LA79500E
No.A0259-6/16
Continued from preceding page.
Pin No.
Symbol
Pin Voltage (V)
Description
Equivalent circuit
62
54
Y/VOUT1
Y/VOUT2
2.5
Video signal outputs.
Either composite video signal output or
luminance signal output can be selected by
I
2C bus control.
60
52
COUT1
COUT2
2.8
Video signal outputs.
Output chorominance signals.
61
53
47
59
51
45
LOUT1
LOUT2
LOUT3
ROUT1
ROUT2
ROUT3
5.2
Audio signal outputs.
4
12
20
40
S-1
S-2
S-3
S-4
Composite video/S selector.
The detection results are written to the status
register.
S signal at 3.5V or less.
Composite video signal at 3.5V or more.
This pin is pulled up to 5V by a 100k
resistor, so the composite video signalis
selected when open.
3
11
19
39
S2-1
S2-2
S2-3
S2-4
Detects the S2-compatible DC superimposed
onto the C signal.
4:3 video signal at 1.3V or less.
4:3 letter-box signal at 1.3V or moreto2.5V
or less.
16:9 picture squeezed signal at 2.5V or more.
This pin is pulled down to GND by a 100k
resistor, so the 4:3 video signal is selected
when open.
57
58
49
50
PROUT1
PBOUT1
PROUT2
PBOUT2
2.4
Component PB/PR outputs.
Continued on next page.


同様の部品番号 - LA79500E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA7950 SANYO-LA7950 Datasheet
60Kb / 3P
   TV Field Frequency Discriminator
More results

同様の説明 - LA79500E

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2596 NJRC-NJM2596 Datasheet
65Kb / 7P
   5-INPUT 3-OUTPUT VIDEO SWITCH FOR S2
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2279 NJRC-NJM2279 Datasheet
345Kb / 10P
   3-INPUT 2-OUTPUT VIDEO SWITCH FOR AV-SET
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com