データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1205M データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LB1205M
部品情報  High-Voltage, Large-Current Darlington Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1205M データシート(HTML) 3 Page - Sanyo Semicon Device

  LB1205M Datasheet HTML 1Page - Sanyo Semicon Device LB1205M Datasheet HTML 2Page - Sanyo Semicon Device LB1205M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LB1205M
PS No.5916-3/3
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Equivalent Circuit
VCC
OUT1
IN1
GND
IN2
OUT2
OUT4
IN4
VDD
IN3
OUT3
This catalog provides information as of October, 2008. Specifications and information herein are subject
to change without notice.
VOsat -- IO
72
3
5
7
2
3
0.1
1.0
1.0
10
7
5
3
2
7
5
Output current, IO -- A


同様の部品番号 - LB1205M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1205M SANYO-LB1205M Datasheet
55Kb / 2P
   LB1205M
logo
ON Semiconductor
LB1205M ONSEMI-LB1205M Datasheet
72Kb / 3P
   High-Voltage, Large-Current Darlington Driver
August, 2013
More results

同様の説明 - LB1205M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205_08 Datasheet
78Kb / 3P
   High-Voltage, Large-Current Darlington Driver
logo
ON Semiconductor
LB1205 ONSEMI-LB1205 Datasheet
76Kb / 4P
   High-Voltage, Large-Current Darlington Driver
March, 2014
LB1205M ONSEMI-LB1205M Datasheet
72Kb / 3P
   High-Voltage, Large-Current Darlington Driver
August, 2013
EN1831 ONSEMI-EN1831 Datasheet
82Kb / 4P
   High-Voltage, Large-Current Darlington Driver
March, 2014
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205 Datasheet
70Kb / 2P
   High-Voltage, High- Current Darlington Driver
LB1235 SANYO-LB1235 Datasheet
66Kb / 2P
   High-Voltage, High-Current Darlington Driver?
LB1730 SANYO-LB1730 Datasheet
60Kb / 2P
   High-Voltage, High-Current Darlington Driver
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
Toshiba Semiconductor
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com