データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1863M データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LB1863M
部品情報  Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1863M データシート(HTML) 1 Page - Sanyo Semicon Device

  LB1863M Datasheet HTML 1Page - Sanyo Semicon Device LB1863M Datasheet HTML 2Page - Sanyo Semicon Device LB1863M Datasheet HTML 3Page - Sanyo Semicon Device LB1863M Datasheet HTML 4Page - Sanyo Semicon Device LB1863M Datasheet HTML 5Page - Sanyo Semicon Device LB1863M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Overview
The LB1863M and LB1869M are 2-phase unipolar
brushless motor drivers that are provided in a miniature
flat package that contributes to end product
miniaturization and supports automatic mounting. These
products support the implementation of motor drive lock
protection and automatic recovery circuits, and alarm
specifications with a minimal number of external
components.
Features and Functions
• Hall elements can be connected directly to the IC itself.
• 1.5-A output current output transistors built in
• Rotation detection function that provides a low-level
output during motor drive and a high-level output when
the motor is stopped
• Motor lock protection and automatic recovery functions
built in
• Thermal shutdown circuit
• Switching noise can be reduced with an external ceramic
capacitor.
Classification
Package Dimensions
unit: mm
3111-MFP14S
1
14
7
8
8.0
0.15
1.0 1.0
0.35
Monolithic Digital IC
Ordering number : ENN4943A
73099TH (OT)/13097HA (OT) No. 4943-1/6
SANYO: MFP14S
[LB1863M, 1869M]
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Two-Phase Unipolar Brushless Motor Driver
Automatic Recovery Type Circuit in a Miniature Flat Package
LB1863M, 1869M
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Package
MFP-14S
System voltage
12 V
LB1869M
24 V
LB1863M
Note: The LB1869M and LB1863M are pin compatible so
that the same printed circuit board can be used for
both 12 V and 24 V products.


同様の部品番号 - LB1863M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M Datasheet
76Kb / 5P
   Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
ON Semiconductor
LB1863M ONSEMI-LB1863M Datasheet
163Kb / 7P
   Two-Phase Brushless Motor Driver
August 2014 - Rev. 0
LB1863M ONSEMI-LB1863M Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
LB1863M-MPB-E ONSEMI-LB1863M-MPB-E Datasheet
163Kb / 7P
   Two-Phase Brushless Motor Driver
August 2014 - Rev. 0
LB1863M-MPB-E ONSEMI-LB1863M-MPB-E Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
More results

同様の説明 - LB1863M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M Datasheet
76Kb / 5P
   Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_15 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2641 NJRC-NJM2641 Datasheet
51Kb / 3P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_17 Datasheet
193Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
   2-Phase Unipolar Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com