データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1940T データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LB1940T
部品情報  2-ch H-Bridge Constant Current Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1940T データシート(HTML) 1 Page - Sanyo Semicon Device

  LB1940T_06 Datasheet HTML 1Page - Sanyo Semicon Device LB1940T_06 Datasheet HTML 2Page - Sanyo Semicon Device LB1940T_06 Datasheet HTML 3Page - Sanyo Semicon Device LB1940T_06 Datasheet HTML 4Page - Sanyo Semicon Device LB1940T_06 Datasheet HTML 5Page - Sanyo Semicon Device LB1940T_06 Datasheet HTML 6Page - Sanyo Semicon Device LB1940T_06 Datasheet HTML 7Page - Sanyo Semicon Device LB1940T_06 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D2706 MS IM / 93004 JO IM No.7232-1/8
LB1940T
LB1940U
Overview
The LB1940T and LB1940U are 2-phase exciter type bipolar stepping motor driver ICs that feature low-voltage,
(supporting 3V battery) and low current operation with low saturation voltage. These ICs enable constant-current control
of actuators, and are optimal for driving the actuators of PC peripherals such as USB compatible scanners, FDDs, and
printers, as well as for controlling the shutter, iris, and AF of a digital still camera.
Features
• Low-voltage driving
2-power source type:
VS = 1.6 to 7.5V, VDD = 1.9 to 6.5V
Single power source type: VS = VDD = 1.9 to 7.5V
• Low saturation output:
VO(sat) = 0.3V at IO of 200mA
• Constant-current control
• Built-in reference voltage (Vref = 0.9V)
• Small-sized, low-profile package (LB1940T: TSSOP20; 225mil; thickness (t) = 1.2mm max.)
(LB1940U: MSOP20; thickness (t) = 0.85mm max.)
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VB max
VS1, VS2, VDD
-0.3 to +10.5
V
Output applied voltage
VOUT max
OUT1, OUT2, OUT3, OUT4
-0.3 to +10.5
V
Output Current
IO max
400
mA
Input applied voltage
VIN max
ENA1, ENA2, IN1, IN2, VC
-0.3 to +10.5
V
Allowable power dissipation
Pd max
Mounted on a specified board *
800
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a Specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy
Ordering number : EN7232A
Monolithic Digital IC
2-ch H-Bridge Constant Current Driver
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


同様の部品番号 - LB1940T_06

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
More results

同様の説明 - LB1940T_06

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
   Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
   Constant current type 1-CH H-bridge driver IC
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver IC
LV8080LP SANYO-LV8080LP_09 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8080LP SANYO-LV8080LP_11 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8081GQ SANYO-LV8081GQ Datasheet
186Kb / 9P
   Two channels Constant-current H-bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com