データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1975 データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LB1975
部品情報  For Fan Motor 3-phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1975 データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LB1975_08 Datasheet HTML 2Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 3Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 4Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 5Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 6Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 7Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 8Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 9Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LB1975
No.6087-9/10
7. Start/Stop Control Circuit
The start/stop control circuit turns the source-side output transistors OFF (motor stop) when a High signal is input at the
S/S pin or when the pin is Open. When a Low signal is input at the S/S pin, the source-side output transistors are turned
ON, and the normal operation state is established (motor start).
8. Forward/Reverse Switching
The LB1975 is designed under the assumption that forward/reverse switching is not carried out while the motor is
running. If switching is carried out while the motor is running, reverse torque braking occurs, leading to a high current
flow. If the current limiter is triggered, the source-side output transistors are switched off, and the sink-side output
transistors go into the short brake condition. However, because the current limiter of this IC cannot control the current
flowing in the sink-side output transistors, these may be destroyed by the short brake current. Therefore F/R switching
while the motor is running is permissible only if the output current (IO) is limited to a maximum of 2.5A using the
motor coil resistance or other suitable means.
F/R switching should be carried out only while a High signal is input to the S/S pin or the pin is Open (stop condition),
or while the VCTL pin conforms to the following condition: VCTL≤ VCTL1 (duty cycle 0%). In any other condition,
F/R switching will result in feed-through current. The F/R pin should therefore be fixed to Low (forward) or High or
Open (reverse) during use.
9. VCC, VM Power Supplies
When the power supply voltage (VCC, VM) rises very quickly when a power is first applied, a feed-through current
may occur at the output. If the current remains below about 0.2A to 0.3A, it does not pose a problem, but such a
possibility should still be prevented by slowing down the voltage rise at power-on. Especially if the F/R pin is set to
High or Open (reverse), a quick rise in VCC is likely to cause feed-through current. This should be prevented by
ensuring that
∆VCC / ∆t = 0.2V/µs or less. Feed-through current can also be prevented by first switching on VCC and
then VM during power-on.
The sequence at power-down should be as follows. Provide a stop input to the S/S pin or a duty ratio 0% input to the
VCTL pin. When the motor has come to a full stop, switch off VM and then VCC. If power is switched off while the
motor is still rotating or a current is flowing in the motor coil (including motor restraint or inertia rotation), a counter
electromotive current or kickback current may flow on the VM side, depending on the motor type and power-off
procedure. If this current cannot be absorbed by the VM power supply or a capacitor, VM voltage may rise and exceed
the absolute maximum VM rating for the IC. Ensure that this does not happen through proper design of the VM power
supply or through use of a capacitor.
Because the LB1975 incorporates a shunt regulator, it can be used on a single power supply. In this case, supply VCC
(6.3V typ.) to the VREG pin via an external NPN transistor and resistor. When not using the regulator, leave the VREG
pin open.
10. Power Supply Stabilizing Capacitors
If the VCC line fluctuates drastically, the low-voltage protection circuit may be activated by mistake, or other
malfunctions may occur. The VCC line must therefore be stabilized by connecting a capacitor of at least several µF
between VCC and GND. Because a large switching current flows in the VM line, wiring inductance and other factors
can lead to VM voltage fluctuations. As the GND line also fluctuates, the VM line must be stabilized by connecting a
capacitor of at least several µF between VM and GND, to prevent exceeding VM max or other problems. Especially
when long wiring runs (VM, VCC, GND) are used, sufficient capacitance should be provided to ensure power supply
stability.
11. VCREF Pin, VCOUT Pin
These pins are always used in the Open condition. If chattering occurs in the PWM switching output, connect a
capacitor (about 0.1
µF) between VCREF and ground or between VCOUT and GND.
12. IC Heat Dissipation Fins
A heat sink may be mounted to the heat dissipation fins of this IC, but it may not be connected to GND. The sink should
be electrically open.


同様の部品番号 - LB1975_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
logo
ON Semiconductor
LB1975 ONSEMI-LB1975 Datasheet
135Kb / 10P
   3-phase Brushless Motor Driver
May, 2013
More results

同様の説明 - LB1975_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com