データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1980H データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LB1980H
部品情報  For VCR Capstan Motors 3-Phase Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1980H データシート(HTML) 1 Page - Sanyo Semicon Device

  LB1980H Datasheet HTML 1Page - Sanyo Semicon Device LB1980H Datasheet HTML 2Page - Sanyo Semicon Device LB1980H Datasheet HTML 3Page - Sanyo Semicon Device LB1980H Datasheet HTML 4Page - Sanyo Semicon Device LB1980H Datasheet HTML 5Page - Sanyo Semicon Device LB1980H Datasheet HTML 6Page - Sanyo Semicon Device LB1980H Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
62707 MS IM / 80906 / 13006 MH IM / O3098RM (OT) No.5974-1/7
LB1980H
Overview
The LB1980JH is a 3-phase brushless motor driver that is particularly appropriate for VCR capstan motor drivers.
Functions
• 3-phase full-wave drive
• Built-in torque ripple correction circuit (variable correction ratio)
• Current limiter circuit
• Upper and lower side output stage over-saturation prevention circuit that does not require external capacitors.
• FG amplifier
• Thermal shutdown circuit
Specifications
Absolute
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
7V
Maximum supply voltage
VS max
24
V
Maximum output current
IO max
1.3
A
Mounted on a board *
1.81
W
Allowable power dissipation
Pd max
Independent IC
0.77
W
Operating temperature
Topr
-20 to 75
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a 76.1mm
×114.3mm×1.6mm, glass epoxy printed circuit board.
Monolithic Digital IC
For VCR Capstan Motors
3-Phase Brushless Motor Driver
Ordering number : EN5974B


同様の部品番号 - LB1980H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
logo
ON Semiconductor
LB1980H ONSEMI-LB1980H Datasheet
111Kb / 7P
   3-Phase Brushless Motor Driver
May, 2013
More results

同様の説明 - LB1980H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB1952 SANYO-LB1952 Datasheet
214Kb / 11P
   3-Phase Brushless Motor Driver for VCR Capstans
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com