データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11620T データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LB11620T
部品情報  Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11620T データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LB11620T_08 Datasheet HTML 5Page - Sanyo Semicon Device LB11620T_08 Datasheet HTML 6Page - Sanyo Semicon Device LB11620T_08 Datasheet HTML 7Page - Sanyo Semicon Device LB11620T_08 Datasheet HTML 8Page - Sanyo Semicon Device LB11620T_08 Datasheet HTML 9Page - Sanyo Semicon Device LB11620T_08 Datasheet HTML 10Page - Sanyo Semicon Device LB11620T_08 Datasheet HTML 11Page - Sanyo Semicon Device LB11620T_08 Datasheet HTML 12Page - Sanyo Semicon Device LB11620T_08 Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LB11620T
No.A0662-11/11
Current detection
resistor
To the RF pin
Pulse input
To the
PWMIN pin
LB11620T Functional Description
1. Output Drive Circuit
The LB11620T adopts direct PWM drive to minimize power loss in the outputs. The output transistors are always
saturated when on, and the motor drive power is adjusted by changing the on duty of the output. The output PWM
switching is performed on the UH, VH, and WH outputs. Since the UL to WL and UH to WH outputs have the same
output form, applications can select either low side PWM or high side PWM drive by changing the way the external
output transistors are connected. Since the reverse recovery time of the diodes connected to the non-PWM side of the
outputs is a problem, these devices must be selected with care. (This is because through currents will flow at the instant
the PWM side transistors turn on if diodes with a short reverse recovery time are not used.)
2. Current Limiter Circuit
The current limiter circuit limits the output current peak value to a level
determined by the equation I = VFR/Rf (VRF = 0.25V typical, Rf: current
detection resistor). This circuit suppresses the output current by reducing
the output on duty.
The current limiter circuit includes an internal filter circuit to prevent
incorrect current limiter circuit operation due to detecting the output diode
reverse recovery current due to PWM operation. Although there should be no problems with the internal filter circuit in
normal applications, applications should add an external filter circuit (such as an RC low-pass filter) if incorrect
operation occurs (if the diode reverse recovery current flows for longer than 1
µs).
3. Notes on the PWM Frequency
The PWM frequency is determined by the capacitor C (F) connected to the PWM pin.
fPWM ≈ 1/(22500 × C)
If a 2000pF capacitor is used, the circuit will oscillate at about 22kHz. If the PWM frequency is too low, switching
noise will be audible from the motor, and if it is too high, the output power loss will increase. Thus a frequency in the
range 15k to 50kHz must be used. The capacitor's ground terminal must be placed as close as possible to the IC’s
ground pin to minimize the influence of output noise and other noise sources.
4. Control Methods
The output duty can be controlled by either of the following methods
⋅ Control based on comparing the EI+ pin voltage to the PWM oscillator waveform
The low side output transistor duty is determined according to the result of comparing the EI+ pin voltage to the PWM
oscillator waveform. When the EI+ pin voltage is 1.35V or lower, the duty will be 0%, and when it is 3.0V or higher,
the duty will be 100%.
When EI+ pin voltage control is used, a low-level input must be applied to the PWMIN pin or that pin connected to
ground.
⋅ Pulse Control Using the PWMIN Pin
A pulse signal can be input to the PWMIN pin, and the output can be controlled based on the duty of that signal.
Note that the output is on when a low level is input to the PWMIN pin, and off when a high level is input. When the
PWMIN pin is open it goes to the high level and the output is turned off. If
inverted input logic is required, this can be implemented with an external
transistor (npn).
When controlling motor operation from the PWMIN pin, the EI+ pin must be
connected to the VREG pin.
Note that since the PWM oscillator is also used as the clock for internal circuits,
a capacitor (about 2000pF) must be connected to the PWM pin even if the
PWMIN pin is used for motor control.


同様の部品番号 - LB11620T_08

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
More results

同様の説明 - LB11620T_08

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
AN8261 PANASONIC-AN8261 Datasheet
48Kb / 4P
   Brushless Motor Driver
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1672NM SANYO-LB1672NM Datasheet
97Kb / 4P
   Brushless-Sensorless Motor Driver
LB1674V SANYO-LB1674V Datasheet
240Kb / 6P
   Brushless, Sensorless Motor Driver
logo
List of Unclassifed Man...
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
   Brushless Motor Driver 120W
logo
Sanyo Semicon Device
LB1674M SANYO-LB1674M Datasheet
111Kb / 6P
   Brushless, Sensorless Motor Driver?
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com