データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11660FV データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LB11660FV
部品情報  Single-Phase Full-Wave Fan Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11660FV データシート(HTML) 4 Page - Sanyo Semicon Device

  LB11660FV Datasheet HTML 1Page - Sanyo Semicon Device LB11660FV Datasheet HTML 2Page - Sanyo Semicon Device LB11660FV Datasheet HTML 3Page - Sanyo Semicon Device LB11660FV Datasheet HTML 4Page - Sanyo Semicon Device LB11660FV Datasheet HTML 5Page - Sanyo Semicon Device LB11660FV Datasheet HTML 6Page - Sanyo Semicon Device LB11660FV Datasheet HTML 7Page - Sanyo Semicon Device LB11660FV Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LB11660FV
No.8318-4/8
Application Circuit Example 1
*1.Power supply and ground lines
The IC ground is the control current power supply system ground, and the external n-channel transistor ground is the motor power
supply system ground.
These two systems should be formed from separate lines and the control system external components should be connected to the
IC ground.
*2. Regeneration power supply stabilization capacitor
Use a 4.7µF/25V capacitor at least for CM, which is the power supply stabilization capacitor for both PWM drive and kickback
absorption.
The capacitor CM must be connected to prevent destruction of the IC when power is applied or removed.
*3.Speed Control
(1) Control voltage
The PWM duty is determined by comparing the VTH pin voltage with the PWM oscillator waveform.
When the VTH voltage falls, the on duty increases and when the VTH voltage falls below the PWM output low level, the duty will
go to 100%.
(2) Thermistor
For thermistor applications, normally the 6VREG level will be resistor divided and the divided level input to the VTH pin.
The PWM duty is changed by changes in the VTH pin voltage due to changes in temperature.
*4. Current limiter setting
The current limiter circuit operates if the voltage across the resistor between VCC and the VM pin exceeds 0.5V.
Since the current limiter circuit applies limitation at a current determined by IO = VRf/Rf (where VRf = 0.5V (typical), Rf:
resistance of the current detection resistor), the current limiter will operate at IO = 1A when Rf = 0.5Ω.
The resistor RF must be connected in the circuit and it must have a value such that the circuit operates within the recommended
current limiter operating range.
VCC
FG
OUT1
OUT2
CT = 0.47 to 1
μF
CT
VTH
IN+
IN-
CPWM
*5
CP = 200pF *f = 23kHz
CP = 100pF *f = 46kHz
*1
*7
H
*2
HB
GND
*6
6VREG
VM
Rf
*4
Control valtage
RMI
R3
PRE1
PRE2
*3
*9
CM = 4.7
μFor
more
R4


同様の部品番号 - LB11660FV

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11660FV ONSEMI-LB11660FV Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
LB11660FV-MPB-H ONSEMI-LB11660FV-MPB-H Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
LB11660FV-TLM-H ONSEMI-LB11660FV-TLM-H Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
LB11660FV-W-AH ONSEMI-LB11660FV-W-AH Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
More results

同様の説明 - LB11660FV

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
LB1964T SANYO-LB1964T Datasheet
35Kb / 4P
   Fan Motor Single-Phase Full-Wave Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com