データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11693JH データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LB11693JH
部品情報  24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693JH データシート(HTML) 2 Page - Sanyo Semicon Device

  LB11693JH_10 Datasheet HTML 1Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 2Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 3Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 4Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 5Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 6Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 7Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 8Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LB11693JH
No.A0606-2/12
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VCC
8 to 28
V
Constant voltage output current
IREG
0 to -30
mA
RD output current
IRD
0 to 10
mA
FG output current
IFG
0 to 10
mA
Electrical Characteristics at Ta = 25
°C, VCC = VM = 24V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Current drain 1
ICC1
10
13.5
mA
Current drain 2
ICC2
When STOP
4.0
5.5
mA
[Output Block]
Output saturation voltage 1
VOsat1
IO = 0.7A,VO(SINK)+VO(SOURCE)
1.5
2.05
V
Output saturation voltage 2
VOsat2
IO = 1.5A,VO(SINK)+VO(SOURCE)
2.2
2.9
V
Output leakage current
IOleak
100
μA
High side diode forward voltage 1
VD1
ID = 0.7A
1.25
1.65
V
High side diode forward voltage 2
VD2
ID = 1.5A
1.9
2.5
V
[5V Constant Voltage Output]
Output voltage
VREG
IO = -5mA
4.7
5.0
5.3
V
Line regulation
ΔVREG1
VCC = 9.5 to 28V
30
100
mV
Load regulation
ΔVREG2
IO = -5 to -20mA
20
100
mV
[Hall Amplifier]
Input bias current
IB(HA)
2
10
μA
Hall sensor input sensitivity
VHIN
Sine wave input
50
350
mVp-p
Common-mode input voltage range
VICM
Differential input 50mVp-p
1.5
VREG-1.0
V
Input offset voltage
VIOH
Design target value*
-20
+20
mV
[CSD Pin]
High-level output voltage
VOH(CSD)
2.75
3.0
3.25
V
Low-level output voltage
VOL(CSD)
0.85
1.0
1.15
V
External capacitor charge current
ICSD1
-3.3
-2.4
-1.4
μA
External capacitor discharge current
ICSD2
0.09
0.17
0.23
μA
Charge/discharge current ratio
RCSD
Charge current/discharge current
14
Times
[Undervoltage Protection Circuit (LVS Pin)]
Operating voltage
VSDL
3.6
3.8
4.0
V
Release voltage
VSDH
4.1
4.3
4.5
V
Hysteresis
ΔVSD
0.35
0.5
0.65
V
[Current Limiter Circuit]
Limiter voltage
VRF
VCC-VM
0.45
0.5
0.55
V
[Thermal Shutdown Operation]
Thermal shutdown operating
temperature
TSD
Design target value*
(junction temperature)
150
170
°C
Hysteresis
ΔTSD
Design target value*
(junction temperature)
40
°C
[CTL Amplifier]
Input offset voltage
VIO(CTL)
-10
10
mV
Input bias current
IB(CTL)
-1
1
μA
Common-mode input voltage range
VICM
0
VREG-1.7
V
High-level output voltage
VOH(CTL)
ITOC = -0.2mA
VREG-1.2
VREG-0.8
V
Low-level output voltage
VOL(CTL)
ITOC = 0.2mA
0.8
1.05
V
Open-loop gain
G(CTL)
f(CTL) = 1kHz
45
51
dB
*: Design target value and no measurement was made.
Continued on next page.


同様の部品番号 - LB11693JH_10

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
More results

同様の説明 - LB11693JH_10

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com