データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11867RV データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LB11867RV
部品情報  For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11867RV データシート(HTML) 5 Page - Sanyo Semicon Device

  LB11867RV_11 Datasheet HTML 1Page - Sanyo Semicon Device LB11867RV_11 Datasheet HTML 2Page - Sanyo Semicon Device LB11867RV_11 Datasheet HTML 3Page - Sanyo Semicon Device LB11867RV_11 Datasheet HTML 4Page - Sanyo Semicon Device LB11867RV_11 Datasheet HTML 5Page - Sanyo Semicon Device LB11867RV_11 Datasheet HTML 6Page - Sanyo Semicon Device LB11867RV_11 Datasheet HTML 7Page - Sanyo Semicon Device LB11867RV_11 Datasheet HTML 8Page - Sanyo Semicon Device LB11867RV_11 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LB11867RV
No.A1534-5/9
Application Circuit Example (12V)
*1. Power
−GND wiring
SGND is connected to the control circuit power supply system.
*2. Power stabilization capacitor
For the power stabilization capacitor on the signal side, use the capacitance of 1μF or more.
Connect VCC and GND with a thick and shortest pattern.
*3. Power stabilization capacitor on the power side
For the power stabilization capacitor on the power side, use the capacitance of 1μF or more.
Connect the power supply on the power side and GND with a thick and shortest pattern.
*4. IN+, IN- pins
Hall signal input pin.
Wiring should be short to prevent carrying of noise.
If noise is carried, insert the capacitor between IN+ and IN- pins.
The Hall input circuit functions as a comparator with hysteresis (15mV).
This also has a soft switch section with
±30mV (input signal differential voltage).
It is also recommended that the Hall input level is minimum 100mV(p-p).
*5. CPWM pin
Pin to connect the capacitor for generation of the PWM basic frequency
The use of CP = 220pF causes oscillation at f = 30kHz, which is the basic frequency of PWM.
As this is used also for the current limiting canceling signal, be sure to connect the capacitor even when the speed
control is not made.
RF
4
3
2
1
*3
*2
VCC
5VREG
RD
IN-
IN+
H
S-S
RMI
*4
*11
*6
VTH
PWM-IN
CPWM
CT
CP=220pF
30kHz
*7
*5
*10
SGND
*9
SENSE *8
2
1
4
3
*1


同様の部品番号 - LB11867RV_11

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11867RV ONSEMI-LB11867RV_18 Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

同様の説明 - LB11867RV_11

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
Unisonic Technologies
F2967 UTC-F2967_18 Datasheet
199Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com