データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11870 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LB11870
部品情報  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11870 データシート(HTML) 2 Page - Sanyo Semicon Device

  LB11870 Datasheet HTML 1Page - Sanyo Semicon Device LB11870 Datasheet HTML 2Page - Sanyo Semicon Device LB11870 Datasheet HTML 3Page - Sanyo Semicon Device LB11870 Datasheet HTML 4Page - Sanyo Semicon Device LB11870 Datasheet HTML 5Page - Sanyo Semicon Device LB11870 Datasheet HTML 6Page - Sanyo Semicon Device LB11870 Datasheet HTML 7Page - Sanyo Semicon Device LB11870 Datasheet HTML 8Page - Sanyo Semicon Device LB11870 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LB11870
No.7256-2/14
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
30
V
Output current
IO max
T
≤ 500ms *1
2.3
A
Allowable power dissipation 1
Pd max1
Independent IC
0.85
W
Allowable power dissipation 2
Pd max2
Mounted on a circuit board *2
1.72
W
Operating temperature
Topr
-20 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
Note *1: Be sure to perform derating from the standard value by 20% or more before use.
Note *2: Mounted on a specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VCC
9.5 to 28
V
5V constant voltage output current
IREG
0 to -20
mA
LD pin applied voltage
VLD
0 to 28
V
LD pin output current
ILD
0 to 15
mA
FGS pin applied voltage
VFG
0 to 28
V
FGS pin output current
IFG
0 to 10
mA
Electrical Characteristics at Ta = 25
°C, VCC = VM = 24V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Supply current 1
ICC1
16
21
mA
Supply current 2
ICC2
In stop mode
3.5
5.0
mA
[5V constant voltage output circuit]
Output voltage
VREG
4.65
5.0
5.35
V
Voltage regulation
ΔVREG1
VCC=9.5 to 28V
80
130
mV
Load regulation
ΔVREG2
IO=-5 to -20mA
10
60
mV
Temperature coefficient
ΔVREG3
Design target value*
0
mV/
°C
[Output Block]
Output saturation voltage 1
VO sat1
IO=0.5A, VO(SINK)+VO(SOURCE)
1.9
2.4
V
Output saturation voltage 2
VO sat2
IO=1.2A, VO(SINK)+VO(SOURCE)
2.6
3.2
V
Output leakage current
IO leak
100
μA
Lower diode forward voltage 1
VD1-1
ID=-0.5A
1.0
1.3
V
Lower diode forward voltage 2
VD1-2
ID=-1.2A
1.4
1.8
V
Upper diode forward voltage 1
VD2-1
ID=0.5A
1.2
1.6
V
Upper diode forward voltage 2
VD2-2
ID=1.2A
1.9
2.4
V
[Hall Amplifier Block]
Input bias current
IHB
-2
-0.5
μA
Common-mode input voltage range
VICM
0
VREG-2.0
V
Hall input sensitivity
80
mVp-p
Hysteresis width
ΔVIN(HA)
15
24
42
mV
Input voltage: Low to high
VSLH
12
mV
Input voltage: High to low
VSHL
-12
mV
[FG Schmitt Block]
Input bias current
IB(FGS)
-2
-0.5
μA
Common-mode input voltage range
VICM(FGS)
0
VREG-2.0
V
Input sensitivity
VIN(FGS)
80
mVp-p
Hysteresis width
ΔVIN(FGS)
15
24
42
mV
Input voltage: Low to high
VSLH(FGS)
12
mV
Input voltage: High to low
VSHL(FGS)
-12
mV
*: These value are design guarantee values, and are not tested.
Continued on next page.


同様の部品番号 - LB11870

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11870 ONSEMI-LB11870 Datasheet
197Kb / 14P
   Three-Phase Brushless Motor Driver
May, 2013
More results

同様の説明 - LB11870

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com