データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11872H データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LB11872H
部品情報  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11872H データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11872H_08 Datasheet HTML 3Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 4Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 5Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 6Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 7Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 8Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 9Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 10Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LB11872H
No.7257-7/11
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
16
CLK
Clock input.
Low : 0 to 1.0V
High : 2.0V to VREG
This pin goes to the high level when open.
VREG
33k
Ω
5k
Ω
16
30k
Ω
17
LD
Phase locked state detection output.
This output goes to the on state when the PLL
locked state is detected.
This is an open-collector output.
VREG
17
18
PD
Phase comparator output (PLL output).
This pin output the phase error as a pulse signal
with varying duty.The output current increases as
the duty becomes smaller.
VREG
18
19
EI
Error amplifier in put pin.
VREG
300
Ω
19
20
EO
Error amplifier output pin.
The output current increases when this output is
high.
VREG
20
300
Ω
40k
Ω
Continued on next page.


同様の部品番号 - LB11872H_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11872H ONSEMI-LB11872H Datasheet
126Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
More results

同様の説明 - LB11872H_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com