データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11920 データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LB11920
部品情報  For OA Products Three-Phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11920 データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11920_08 Datasheet HTML 2Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 3Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 4Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 5Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 6Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 7Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 8Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 9Page - Sanyo Semicon Device LB11920_08 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LB11920
No.7229-6/10
Pin Functions
Pin No.
Pin name
Function
Equivalent circuit
28
1
2
OUT1
OUT2
OUT3
Motor drive output pin.
3, 26
GND2
Output GND pin.
5, 25
VM
Power pin.
6, 24
RF
Output Tr power and output current detector pins,
which connect low resistance (Rf) to VM.
The output current is limited to the current value
set with IOUT = VRF/Rf.
300
Ω
RF
VM
5 25
6 24
1
2 28
3 26
7
HP
Hall element signal three-phase composite
output. Withstand voltage 35V max.
VCC
7
8
BR
Brake input pin.
“L” for brake and “H” or open for normal rotation.
VCC
3.5k
Ω
8
9
PWMIN
PWM pulse input pin.
L for output drive and H or open for output OFF.
VCC
3.5k
Ω
9
10
F/R
Forward/reverse input pin.
VCC
3.5k
Ω
10
Continued on next page.


同様の部品番号 - LB11920_08

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11920-E ONSEMI-LB11920-E Datasheet
117Kb / 10P
   Three-Phase Brushless Motor Driver
May, 2013
More results

同様の説明 - LB11920_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com