データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11923V データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LB11923V
部品情報  Three-Phase Brushless Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11923V データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LB11923V Datasheet HTML 5Page - Sanyo Semicon Device LB11923V Datasheet HTML 6Page - Sanyo Semicon Device LB11923V Datasheet HTML 7Page - Sanyo Semicon Device LB11923V Datasheet HTML 8Page - Sanyo Semicon Device LB11923V Datasheet HTML 9Page - Sanyo Semicon Device LB11923V Datasheet HTML 10Page - Sanyo Semicon Device LB11923V Datasheet HTML 11Page - Sanyo Semicon Device LB11923V Datasheet HTML 12Page - Sanyo Semicon Device LB11923V Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
No. 7498-9/20
LB11923V
Pin No.
Pin
Functions
Equivalent circuit
Continued from preceding page.
5BR
Brake control (short braking operation)
Low: 0 V to 1.0 V
High: 2.0 V to VCC
Goes high when left open.
High or open for brake mode operation.
The hysteresis is about 0.22 V.
VCC1
3.5 kΩ
5
6N1
Switches the speed discriminator VCO divisor count.
Low: 0 V to 1.0 V
High: 2.0 V to VCC
Goes high when left open.
The hysteresis is about 0.22 V.
VCC1
3.5 kΩ
6
7N2
The speed discriminator count switching.
Low: 0 V to 1.0 V
High: 2.0 V to VCC
Goes high when left open.
The hysteresis is about 0.22 V.
VCC1
7
3.5 kΩ
8
FGS
FG amplifier output (after the Schmitt circuit)
This is an open collector output.
8
VCC1
Continued on next page.
9
LD
Speed lock detection output
This is an open collector output.
Goes low when the motor speed is within the speed lock
range (±6.25%).
9
VCC1


同様の部品番号 - LB11923V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V Datasheet
204Kb / 19P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
LB11923V ONSEMI-LB11923V Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
LB11923V-A-TLM-E ONSEMI-LB11923V-A-TLM-E Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
LB11923V-TLM-E ONSEMI-LB11923V-TLM-E Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
More results

同様の説明 - LB11923V

メーカー部品番号データシート部品情報
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com