データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC86F3G64A データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC86F3G64A
部品情報  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86F3G64A データシート(HTML) 3 Page - Sanyo Semicon Device

  LC86F3G64A Datasheet HTML 1Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 2Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 3Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 4Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 5Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 6Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 7Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 8Page - Sanyo Semicon Device LC86F3G64A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LC86F3G64A
No.A0121-3/25
• Various character attributes
Character colors
: 16 colors
Character background colors : 16 colors
Fringe / shadow colors
: 16 colors
Full screen colors
: 16 colors
Rounding
Underline
Italic character (slanting)
• Attribute can be changed without spacing
• Vertical display start line number can be set for each row independently (Rows can be overlapped)
• Horizontal display start position can be set for each row independently
• Horizontal pitch (9 to 16 dot)*1 and vertical pitch (1 to 32 dot) can be set for each row independently
• Different display modes can be set for each row independently
Caption • Text mode / OSD mode 1 / OSD mode 2 (Quarter size) / Simplified graphic mode
• Ten character sizes*1
Horiz.
× Vert. = (1 × 1), (1 × 2), (2 × 2), (2 × 4)
(1.5
× 1), (1.5 × 2), (3 × 2), (3 × 4),
(0.5
× 0.5), (0.75 × 0.5)
• Shuttering and scrolling on each row
• Simplified Graphic Display
• External OSD clock input enable (LC863G00 series only)
Note *1: range depends on display mode : refer to manual for details.
Data Slicer : closed caption format (LC863200/LC863800/LC863G00 series only)
• Closed caption data and XDS data extraction
• NTSC/PAL, and extracted line can be specified (LC863800/LC863G00 series)
• NTSC, and fixed line 21 (LC863200 series)
Bus Cycle Time / Instruction-Cycle Time
Bus Cycle Time
Instruction Cycle Time
Clock Divider
System Clock Oscillation
Oscillation Frequency
Voltage
0.424µs
0.848µs
1/2
Internal VCO
(Ref: X’tal 32.768kHz)
14.156MHz
4.5V to 5.5V
7.5µs
15.0µs
1/2
Internal RC
800kHz
4.5V to 5.5V
91.55µs
183.1µs
1/1
Crystal
32.768kHz
4.5V to 5.5V
183.1µs
366.2µs
1/2
Crystal
32.768kHz
4.5V to 5.5V
Ports
• Input / Output Ports
: 5 ports (28 terminals)
Data direction programmable in nibble units
: 1 port (8 terminals)
(If the N-ch open drain output is selected by option, the corresponding port data can be read in output mode.)
Data direction programmable for each bit individually: 4 ports (20 terminals)
• Input port (LC863300 series only)
: 1 port (1 terminal)
AD converter
• 4-channels × 8-bit AD converters (LC863200/LC863800/LC863G00 series )
• 5-channels × 8-bit AD converters (LC863300 series)
Serial interfaces
• IIC-bus compatible serial interface (Multi-master type)
Consists of a single built-in circuit with two I/O channels the two data lines and two clock lines can be short
circuited internally.
• Synchronous 8-bit serial interface


同様の部品番号 - LC86F3G64A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC86F3248A SANYO-LC86F3248A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3264A SANYO-LC86F3264A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3448B SANYO-LC86F3448B Datasheet
234Kb / 21P
   8-bit 1-chip Microcontroller
LC86F3548A SANYO-LC86F3548A Datasheet
612Kb / 22P
   LC86F3548A
More results

同様の説明 - LC86F3G64A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com