データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F1HC4A_0812 データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC87F1HC4A_0812
部品情報  8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1HC4A_0812 データシート(HTML) 5 Page - Sanyo Semicon Device

  LC87F1HC4A_0812 Datasheet HTML 1Page - Sanyo Semicon Device LC87F1HC4A_0812 Datasheet HTML 2Page - Sanyo Semicon Device LC87F1HC4A_0812 Datasheet HTML 3Page - Sanyo Semicon Device LC87F1HC4A_0812 Datasheet HTML 4Page - Sanyo Semicon Device LC87F1HC4A_0812 Datasheet HTML 5Page - Sanyo Semicon Device LC87F1HC4A_0812 Datasheet HTML 6Page - Sanyo Semicon Device LC87F1HC4A_0812 Datasheet HTML 7Page - Sanyo Semicon Device LC87F1HC4A_0812 Datasheet HTML 8Page - Sanyo Semicon Device LC87F1HC4A_0812 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LC87F1HC4A
No.A0955-5/27
Package Form
• SQFP48(7×7): Lead-free type
Development Tools
• On-chip debugger: TCB87- type-B + LC87F1HC4A
Flash ROM Programming Boards
Package
Programming boards
SQFP48(7
× 7)
W87F55256SQ
Recommended EPROM Programmer
Maker
Model
Supported version
Device
Flash Support Group, Inc.
(FSG)
Single
Programmer
AF9708/
AF9709/AF9709B/AF9709C
(Including Ando Electric Co., Ltd. models)
Rev 02.82 or later
LC87F1HC8A
AF9101/AF9103(Main body)
(FSG models)
Flash Support Group, Inc.
(FSG)
+
SANYO(Note 1)
Onboard
Single/Gang
Programmer
SIB87(Inter Face Driver)
(SANYO model)
(Note 2)
LC87F1HC8A
Single/Gang
Programmer
SKK/SKK TypeB
(SANYO FWS)
SANYO
Onboard
Single/Gang
Programmer
SKK-DBG TypeB
(SANYO FWS)
Application Version
2.04 or later
Chip Data Version
2.11 or later
LC87F1HC8
Note 1: With the FSG onboard programmer (AF9101/AF9103) and the serial interface driver (SIB87) provided by
SANYO, PC-less standalone onboard programming is possible
Note 2: Depending on programming conditions, it is necessary to use a dedicated programming device and a program.
Please contact SANYO or FSG if you have any questions or difficulties regarding this matter.
Package Dimensions
unit : mm (typ)
3163B
SANYO : SQFP48(7X7)
7.0
9.0
0.15
0.18
0.5
(0.75)
112
13
24
25
36
37
48


同様の部品番号 - LC87F1HC4A_0812

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results

同様の説明 - LC87F1HC4A_0812

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com