データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F1HC8A_0812 データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC87F1HC8A_0812
部品情報  8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1HC8A_0812 データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC87F1HC8A_0812 Datasheet HTML 4Page - Sanyo Semicon Device LC87F1HC8A_0812 Datasheet HTML 5Page - Sanyo Semicon Device LC87F1HC8A_0812 Datasheet HTML 6Page - Sanyo Semicon Device LC87F1HC8A_0812 Datasheet HTML 7Page - Sanyo Semicon Device LC87F1HC8A_0812 Datasheet HTML 8Page - Sanyo Semicon Device LC87F1HC8A_0812 Datasheet HTML 9Page - Sanyo Semicon Device LC87F1HC8A_0812 Datasheet HTML 10Page - Sanyo Semicon Device LC87F1HC8A_0812 Datasheet HTML 11Page - Sanyo Semicon Device LC87F1HC8A_0812 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LC87F1HC8A
No.A0956-8/27
Pin Description
Pin Name
I/O
Description
Option
VSS1,VSS2,
VSS3
-
- power supply
No
VDD1, VDD2
-
+ power supply
No
VDD3
-
USB reference voltage
Yes
Port 0
P00 to P07
I/O
• 8-bit I/O ports
• I/O specifiable in 4-bit units
• Pull-up resistors can be turned on and off in 4-bit units.
• HOLD reset input
• Port 0 interrupt input
• Pin functions
AD converter input ports: AN0 to AN7(P00 to P07)
Onchip debugger pins: DBGP0 to DBGP2(P02 to P04)
P05: System clock output/audio interface SDAT input/output
P06: Timer 6 toggle output/audio interface BCLK input/output
P07: Timer 7 toggle output/audio interface LRCK input/output
Yes
Port 1
P10 to P17
I/O
• 8-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P10: SIO0 data output
P14: SIO1 data input/bus input/output
P11: SIO0 data input/bus input/output
P15: SIO1 clock input/output
P12: SIO0 clock input/output
P16: Timer 1 PWML output
P13: SIO1 data output
P17: Timer 1 PWMH output/beeper output
Yes
Port 2
• 8-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P20 to P23: INT4 input/HOLD reset input/timer 1 event input/timer 0L capture input/
timer 0H capture input
P24 to P27: INT5 input/HOLD reset input/timer 1 event input/timer 0L capture input/
timer 0H capture input
P20: INT6 input/timer 0L capture 1 input
P22: SIO4 data input/output/parallel interface RD output
P23: SIO4 data input/output/parallel interface WR output
P24: SIO4 clock input/output/INT7 input/timer 0H capture 1 input
P25: SIO9 data input/output/parallel interface RD9 output
P26: SIO9 data input/output/parallel interface WR9 output
P27: SIO9 clock input/output
Interrupt acknowledge types
Rising
Falling
Rising &
Falling
H level
L level
INT4
enable
enable
enable
disable
disable
INT5
enable
enable
enable
disable
disable
INT6
enable
enable
enable
disable
disable
INT7
enable
enable
enable
disable
disable
P20 to P27
I/O
Yes
Port 3
P30 to P34
I/O
• 5-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P30: UART1 transmit
P31: UART1 receive
P33: Audio interface PLL filter pin (see Fig. 6.)
P34: USB interface PLL filter pin (see Fig. 5.)
Yes
Continued on next page.


同様の部品番号 - LC87F1HC8A_0812

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
More results

同様の説明 - LC87F1HC8A_0812

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com