データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F1HC8SA データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC87F1HC8SA
部品情報  8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1HC8SA データシート(HTML) 4 Page - Sanyo Semicon Device

  LC87F1HC8SA Datasheet HTML 1Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 2Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 3Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 4Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 5Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 6Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 7Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 8Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LC87F1HC8SA
No.A1095-4/27
Interrupts
• 40 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4/UHC bus active/remote control signal receive
4
0001BH
H or L
INT3/INT5/base timer
5
00023H
H or L
T0H/INT6/UHC device connected/UHC disconnected/UHC resume
6
0002BH
H or L
T1L/T1H/INT7/SIO9/AIF start
7
00033H
H or L
SIO0/UART1 receive
8
0003BH
H or L
SIO1/SIO4/UART1 transmit/end of AIF
9
00043H
H or L
ADC/T6/T7/UHC-ACK/UHC-NAK/UHC error/UHC STALL
10
0004BH
H or L
Port 0/PWM0/PWM1/T4/T5/UHC-SOF/DMCOPY
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels: 8192 levels maximum (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation and PLL Circuits
• RC oscillation circuit (internal):
For system clock
• CF oscillation circuit:
For system clock
• Crystal oscillation circuit:
For system clock, time-of-day clock
• PLL circuit (internal):
For USB interface (see Fig.5) ), audio interface (see Fig. 6)
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) Canceled by a system reset or occurrence of an interrupt.
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The PLL base clock generator, CF, RC and crystal oscillators automatically stop operation.
2) There are four ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level.
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an bus active interrupt source established in the USB host controll circuit
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The PLL base clock generator, CF and RC oscillator automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are six ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
(5) Having an bus active interrupt source established in the USB host controll circuit
(6) Having an interrupt source established in the infrared remote controller receiver circuit


同様の部品番号 - LC87F1HC8SA

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
More results

同様の説明 - LC87F1HC8SA

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com