データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F40C8A データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC87F40C8A
部品情報  Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704횞10-bit CRT Display RAM 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F40C8A データシート(HTML) 1 Page - Sanyo Semicon Device

  LC87F40C8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
D1306HKIM 20060911-S00004 No.A0139-1/26
Ver.1.08
LC87F40C8A
Overview
The SANYO LC87F40C8A is a closed caption TV controlling 8-bit microcomputer that, centered around a CPU running
at a minimum bus cycle time of 71ns, integrates on a single chip a number of hardware features such as 128K-byte flash
ROM (size-variable program ROM and CGROM), 2048-byte RAM, 1024-byte CGRAM, 704
×10-bit CRT display RAM,
sophisticated 16-bit timers/counters (may be divided into 8-bit timers), a 16-bit timer/counter (may be divided into 8-bit
timers/counters, two 8-bit timers with a prescaler, a base timer serving as a time-of-day clock, a high-speed clock counter,
a synchronous SIO interface (with automatic block transmission/reception capabilities), two channels of asynchronous/
synchronous SIO interface (bus mode selectable), a UART interface (full duplex), an 8-bit 8-channel AD converter, one
14-bit PWM channel, three 8-bit PWM channels, a closed caption data slicer, closed caption compatible OSD, a system
clock frequency divider, ROM correction function, an on-chip debugger, and onboard programming facilities.
Features
Flash ROM
128K bytes
• 95K- to 110K-byte program ROM (size variable)
• 16K- to 31K-byte character generator ROM (size variable)
• Runs on a 5V single source and permits onboard programming.
• Block erasable in 128 byte units.
• Permits 100 programming operations.
Internal RAM
• General-purpose RAM:
2K bytes
• Character generator RAM:
1K bytes
• CRT display RAM:
704
× 10 bits
• ROM correction RAM:
256 bytes
Ordering number : ENA0139
CMOS IC
Internal 128K-byte FROM (ROM/CGROM),
2048 byte RAM, 1024-byte CGRAM,
and 704
×10-bit CRT Display RAM
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


同様の部品番号 - LC87F40C8A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

同様の説明 - LC87F40C8A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com