データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F8364AU データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC87F8364AU
部品情報  FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F8364AU データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC87F8364AU Datasheet HTML 2Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 3Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 4Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 5Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 6Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 7Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 8Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 9Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LC87F83C8A/C8AU/96A/96AU/64A/64AU
No.A1780-6/31
Absolute Maximum Ratings
at Ta = 25
°C, VSS1 = VSS2 = VSS4 = AVSS = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Maximum Supply
voltage
VDD max
VDD1, VDD2,
VDD4, AVDD
VDD1=VDD2=VDD4
=AVDD
-0.3
+6.5
Input voltage
VI(1)
CF1, XT1,
AMIN, FMIN,
HCTR, LCTR
-0.3
VDD+0.3
Input/Output
voltage
VIO(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1, XT2
-0.3
VDD+0.3
Output voltage
VO(1)
EO, SUBPD
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 2, 3
Ports 71 to 73
Ports B, C, E, F
SI2P0 to SI2P3
CMOS output select per 1
application pin
-10
IOPH(2)
PWM0, PWM1
Per 1 application pin.
-20
Peak output
current
IOPH(3)
EO, SUBPD
Per 1 application pin.
-5
IOMH(1)
Ports 0, 1, 2, 3
Ports 71 to 73
Ports B, C, E, F
SI2P0 to SI2P3
CMOS output select per 1
application pin
-7.5
IOMH(2)
PWM0, PWM1
Per 1 application pin.
-15
Average
output current
(Note 1-1)
IOMH(3)
EO, SUBPD
Per 1 application pin.
-3
ΣIOAH(1)
P71 to P73
Total of all applicable pins
-25
ΣIOAH(2)
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
-25
ΣIOAH(3)
Ports 0
Total of all applicable pins
-25
ΣIOAH(4)
Port 0
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
-45
ΣIOAH(5)
Ports 2, 3, B
Total of all applicable pins
-25
ΣIOAH(6)
Ports C
Total of all applicable pins
-25
ΣIOAH(7)
Ports 2, 3, B, C
Total of all applicable pins
-45
ΣIOAH(8)
Ports F
Total of all applicable pins
-25
ΣIOAH(9)
Ports 1, E
Total of all applicable pins
-25
ΣIOAH(10)
Ports 1, E, F
Total of all applicable pins
-45
Total output
current
ΣIOAH(11)
EO, SUBPD
Total of all applicable pins
-10
mA
Note 1-1: Average output current is average of current in 100ms interval.
Continued on next page.


同様の部品番号 - LC87F8364AU

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

同様の説明 - LC87F8364AU

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com