データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F1364A データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC87F1364A
部品情報  8-bit 1-chip Microcontroller with Low-speed USB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1364A データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC87F1364A Datasheet HTML 4Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 5Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 9Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 10Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 11Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LC87F1364A
No.A0137-8/22
Pin Description
Pin Name
I/O
Description
Option
VSS1
-
- power supply pin
No
VDD1
-
+ power supply pin
No
Port 0
P00 to P07
I/O
• 8-bit I/O port
• I/O specifiable in 4 bit units
• Pull-up resistors can be turned on and off in 4 bit units.
• HOLD reset input
• Port 0 interrupt input
• Pin functions
P00: AN0 (ADC input)/UART1 transmit
P01: AN1 (ADC input)/UART1 receive
P02: AN2 (ADC input)/For On-Chip-Debugger
P03: AN3 (ADC input)/For On-Chip-Debugger
P04: AN4 (ADC input)/For On-Chip-Debugger
P05: AN5 (ADC input)/System Clock Output
P06: AN6 (ADC input)/timer 6 toggle outputs
P07: AN7 (ADC input)/timer 7 toggle outputs
Yes
Port 1
P10 to P17
I/O
• 8-bit I/O port
• I/O specifiable in 1 bit units
• Pull-up resistors can be turned on and off in 1 bit units.
• Pin functions
P10: SIO0 data output
P11: SIO0 data input/bus I/O
P12: SIO0 clock I/O
P13: SIO1 data output/INT1 input/HOLD reset input/timer OH capture input
P14: SIO1 data input/bus I/O/INT2 input/ HOLD reset input/timer 0 event input/timer OL capture
input
P15: SIO1 clock I/O/INT3 input (with noise filter)/timer 0 event input/timer OH capture input
/PWM 0 output
P16: Timer 1 PWML output/PWM 1 output
P17: Timer 1 PWMH output/beeper output/Internal PLL filter pin
Interrupt acknowledge type
Rising
Falling
Rising &
Falling
H level
L level
INT1
enable
enable
disable
enable
enable
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
Yes
Port 7
• 1-bit I/O port
• I/O specifiable in 1 bit units
• Pull-up resistors can be turned on and off in 1 bit units.
• Shared pins
P70: INT0 input/HOLD reset input/timer 0L capture input/watchdog timer output/AN8 (ADC input) /
D- 1.5k
Ω pull-up resistor connect pin
Interrupt acknowledge type
Rising
Falling
Rising &
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
P70
I/O
No
RES
I
Reset pin
No
XT1
I
Ceramic oscillator input pin/32.768kHz crystal oscillator input pin
No
XT2
I/O
Ceramic oscillator input pin/32.768kHz crystal oscillator output pin
No
D-
I/O
USB data I/O pin D-
No
D+
I/O
USB data I/O pin D+
No


同様の部品番号 - LC87F1364A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F17C8A ONSEMI-LC87F17C8A Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
LC87F17C8AUWA-2H ONSEMI-LC87F17C8AUWA-2H Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
logo
Sanyo Semicon Device
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
More results

同様の説明 - LC87F1364A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1G64A SANYO-LC87F1G64A Datasheet
191Kb / 29P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com