データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC88F52H0A データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC88F52H0A
部品情報  FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F52H0A データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC88F52H0A Datasheet HTML 2Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 3Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 4Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 5Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 6Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 7Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 8Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 9Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LC88F52H0A
No.A1228-6/38
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) Released by a system reset or occurrence of an interrupt.
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) OSC1, RC and OSC0 oscillators automatically stop.
2) There are the six ways of releasing the HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, INT5, INT6, and INT7 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established at port 5
(5) Having an interrupt established at SIO0 or SIO1
(6) Having an interrupt established at UART2, UART3 or UART4
• HOLDX mode: Suspends instruction execution and the operation of the peripheral circuits except those which run
on OSC0.
1) OSC1 and RC oscillations automatically stop.
2) OSC0 maintains the state that is established when the HOLDX mode is entered.
3) There are seven ways of releasing the HOLDX mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, INT5, INT6, and INT7 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established at port 5
(5) Having an interrupt source established at the base timer circuit
(6) Having an interrupt established at SIO0 or SIO1
(7) Having an interrupt established at UART2, UART3 or UATR4
.
On-chip debugger function
• Supports software debugging with the IC mounted on the target board.
• Supports source line debugging and tracing functions, and breakpoint setting and real time display.
• Single-wire communication
Package Form
• TQFP100(14×14): Lead-free and halogen-free type
Development Tools
• On-chip debugger: EOCUIF1 + LC88F52H0A
Programming board
Package
Programming Board
TQFP100 (14
× 14)
W88F52TQ
Flash Programming
Manufacturer
Model Name
Supported Version
Device
Flash Support Group (single)
AF9708/09/09B/09C
Revision: After Rev.03.32D
88F512SN
AF9723/23B
Flash Support Group (Gang)
AF9833
SANYO
SKK/SKK Type-B
Application Version After 1.06
Chip Data Version After 2.22
LC88F52H0A


同様の部品番号 - LC88F52H0A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
More results

同様の説明 - LC88F52H0A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com