データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC88F83B0A データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC88F83B0A
部品情報  FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F83B0A データシート(HTML) 3 Page - Sanyo Semicon Device

  LC88F83B0A Datasheet HTML 1Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 2Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 3Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 4Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 5Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 6Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 7Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 8Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LC88F83B0A
No.A1228-3/25
Timers
• Timer 0: 16-bit timer that supports PWM/toggle outputs
1) With 5-bit prescaler
2) 8-bit PWM
× 2/8-bit timer + 8-bit PWM mode selectable
3) Clock source selectable from system clock, OSC0, OSC1, and internal RC oscillator
• Timer 1: 16-bit timer with capture registers
1) With 5-bit prescaler
2) May be divided into 2 channels of 8-bit timer
3) Clock source selectable from system clock, OSC0, OSC1, and internal RC oscillator
• Timer 3: 16-bit timer that supports PWM/toggle outputs
1) With 8-bit prescaler
2) 8-bit timer × 2ch/8-bit timer + 8-bit PWM mode selectable
3) Clock source selectable from system clock, OSC0, OSC1, and internal RC oscillator
• Timer 4: 16-bit timer that supports toggle outputs
1) Clock source selectable from system clock and prescaler 0
• Timer 5: 16-bit timer that supports toggle outputs
1) Clock source selectable from system clock and prescaler 0
• Base timer
1) Clock may be selected from OSC0 (32.768kHz crystal oscillator) and frequency-divided output of system clock.
2) Interrupts can be generated in 7 timing schemes.
Watchdog Timer
1) Driven by the base timer + internal watchdog timer dedicated counter.
2) Interrupt or reset mode selectable
SIO0: 8-bit synchronous SIO
1) LSB first/MSB first mode selectable
2) It is possible to communicate with 8 bits or less. (1 to 8 bits specifiable in 1-bit units)
3) Built-in 8-bit baudrate generator (transfer clock cycle 4 tCYC to 512 tCYC)
4) Automatic continuous data transmission (9 to 32768 bits specifiable in 1-bit units)
5) Interval function (interval time: 0 to 64 SIOCLKs specifiable in 1 SIOCLK units)
6) Wakeup function
UART2: Asynchronous SIO
1) Full duplex transmission
2) Start bit 1, data bit 8 (LSB first), stop bit 1
3) Parity bit: None/even parity/odd parity
4) Transfer rate: 8 to 4096 tCYC
5) Baudrate source clock: systemclock/OSC0/OSC1
6) Wakeup function
AD converter: 12bit
× 4 channels
1) 12-/8-bit resolution selectable
2) Analog input: 4 channels
3) Comparator mode
4) Automatic reference voltage generation


同様の部品番号 - LC88F83B0A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
More results

同様の説明 - LC88F83B0A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com