データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC88F83B0A データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC88F83B0A
部品情報  FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F83B0A データシート(HTML) 4 Page - Sanyo Semicon Device

  LC88F83B0A Datasheet HTML 1Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 2Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 3Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 4Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 5Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 6Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 7Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 8Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LC88F83B0A
No.A1228-4/25
Interrupts
• 12 sources, 11 vector addresses
1) Provides three levels of multiplex interrupt control. Any interrupt requests of the level equal to or lower than the
current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Interrupt Source
1
08000H
WATCHDOGTIMER
2
08004H
BASETIMER
3
08008H
TIMER0
4
08018H
SIO0
5
0801CH
TIMER1
6
08020H
UART2
7
08024H
TIMER3
8
08028H
TIMER4
9
0802CH
TIMER5
10
08030H
ADC
11
0803CH
P00 to P05
SEG71 to SEG64
• The priority level can be specified by three levels.
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels
• Max- whole RAM area (Stack is set in RAM)
Oscillation Circuits
• OSC1: For system clock
ceramic oscillation with external CGC, CDC or RC oscillation (external RCR1)
• OSC0: For low-speed system clock, base timer count, for LCD display
32kHz crystal oscillation with external CGX, CDX or RC oscillation (external RCR0)
• Internal oscillation circuit: Internal RC
* Depends on control resister for each oscillator operation and stop.
Initial setting - External oscillation stop, internal RC oscillation operation


同様の部品番号 - LC88F83B0A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
More results

同様の説明 - LC88F83B0A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com