データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC863G56A データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC863G56A
部品情報  CGROM16K-byte on-chip 768-byte RAM and 352횞9 bit OSD RAM 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863G56A データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC863G56A Datasheet HTML 5Page - Sanyo Semicon Device LC863G56A Datasheet HTML 6Page - Sanyo Semicon Device LC863G56A Datasheet HTML 7Page - Sanyo Semicon Device LC863G56A Datasheet HTML 8Page - Sanyo Semicon Device LC863G56A Datasheet HTML 9Page - Sanyo Semicon Device LC863G56A Datasheet HTML 10Page - Sanyo Semicon Device LC863G56A Datasheet HTML 11Page - Sanyo Semicon Device LC863G56A Datasheet HTML 12Page - Sanyo Semicon Device LC863G56A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LC863G64A/56A/48A/40A/32A/28A/24A
No.A0548-9/21
Continued from preceding page.
Terminal
I/O
Function Description
Option
Port 7
•4-bit input/output port
Input or output can be specified for each bit
•Other function
P70
P71
P72
P73
INT0 input/HOLD release input/
Nch-Tr. output for watchdog timer
INT1 input/HOLD release input
INT2 input/Timer 0 event input
INT3 input (noise rejection filter connected)/
Timer 0 event input
Interrupt receiver format, vector addresses
rising
falling
rising/
falling
H level
L level
vector
INT0
enable
enable
disable
enable
enable
03H
INT1
enable
enable
disable
enable
enable
0BH
INT2
enable
enable
enable
disable
disable
13H
P70
P71 to P73
I/O
INT3
enable
enable
enable
disable
disable
1BH
Port 8
P84 to P87
I/O
•4-bit input/output port
Input or output can be specified for each bit
•Other function
AD converter input port (4 lines)
NC
-
Unused terminal
Leave open
• Output form and existence of pull-up resistor for all ports can be specified for each bit.
• Programmable pull-up resistor is always connected regardless of port option, CMOS or N-ch open drain output in
port 1.
• Port status in reset
Terminal
I/O
Pull-up resistor status at selecting pull-up option
Port 0
I
Pull-up resistor OFF, ON after reset release
Port 1
I
Programmable pull-up resistor OFF


同様の部品番号 - LC863G56A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863096 SANYO-LC863096 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216A SANYO-LC863216A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216C SANYO-LC863216C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
LC863220 SANYO-LC863220 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863220A SANYO-LC863220A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results

同様の説明 - LC863G56A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F2924B SANYO-LC87F2924B_09 Datasheet
173Kb / 28P
   FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com