データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC863G40A データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC863G40A
部品情報  CGROM16K-byte on-chip 768-byte RAM and 352횞9 bit OSD RAM 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863G40A データシート(HTML) 4 Page - Sanyo Semicon Device

  LC863G40A Datasheet HTML 1Page - Sanyo Semicon Device LC863G40A Datasheet HTML 2Page - Sanyo Semicon Device LC863G40A Datasheet HTML 3Page - Sanyo Semicon Device LC863G40A Datasheet HTML 4Page - Sanyo Semicon Device LC863G40A Datasheet HTML 5Page - Sanyo Semicon Device LC863G40A Datasheet HTML 6Page - Sanyo Semicon Device LC863G40A Datasheet HTML 7Page - Sanyo Semicon Device LC863G40A Datasheet HTML 8Page - Sanyo Semicon Device LC863G40A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LC863G64A/56A/48A/40A/32A/28A/24A
No.A0548-4/21
Interrupts
• 18 source 10 vectored interrupts
1. External Interrupt INT0
2. External Interrupt INT1
3. External Interrupt INT2, Timer/counter T0L (Lower 8 bits)
4. External Interrupt INT3, base timer
5. Timer/counter T0H (Upper 8 bits)
6. Timer T1H, T1L
7. SIO0, UART receive
8. Data slicer, UART transmit
9. Vertical synchronous signal interrupt (VS), horizontal line (HS), AD
10. IIC, Port 0
• Interrupt priority control
Three interrupt priorities are supported (low, high and highest) and multi-level nesting is possible.
Low or high priority can be assigned to the interrupts from 3 to 10 listed above.
For the external interrupt INT0 and INT1, low or highest priority can be set.
Sub-routine Stack Level
• A maximum of 128 levels (stack is built in the internal RAM)
Multiplication/Division Instruction
• 16 bits × 8 bits (7 instruction cycle times)
• 16 bits ÷ 8 bits (7 instruction cycle times)
3 Oscillation Circuits
• Built-in RC oscillation circuit used for the system clock
• Built-in VCO circuit used for the system clock and OSD
• X’tal oscillation circuit used for base timer, system clock and PLL reference
Standby Function
• HALT mode
The HALT mode is used to reduce the power dissipation. In this operation mode, the program execution is stopped.
This mode can be released by the interrupt request or the system reset.
• HOLD mode
The HOLD mode is used to stop the oscillations; RC (internal), VCO and X’tal oscillations. This mode can be
released by the following conditions.
- Pull the reset terminal (RES) to low level.
- Feed the selected level to either P70/INT0 or P71/INT1.
- Input the interrupt condition to Port 0.
Package
• DIP42S(600mil): Lead-free type
• QIP48E(14×14) : Lead-free type
Development Tools
• Flash EEPROM: LC86F3G64A
• Emulator:
Special ROM monitor tool
(When debugging it, one terminal in the I/O port is used as a pin only for the tool)


同様の部品番号 - LC863G40A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863096 SANYO-LC863096 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216A SANYO-LC863216A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216C SANYO-LC863216C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
LC863220 SANYO-LC863220 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863220A SANYO-LC863220A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results

同様の説明 - LC863G40A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F2924B SANYO-LC87F2924B_09 Datasheet
173Kb / 28P
   FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com