データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC74763M データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC74763M
部品情報  On-Screen Display LSI
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74763M データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC74763M Datasheet HTML 4Page - Sanyo Semicon Device LC74763M Datasheet HTML 5Page - Sanyo Semicon Device LC74763M Datasheet HTML 6Page - Sanyo Semicon Device LC74763M Datasheet HTML 7Page - Sanyo Semicon Device LC74763M Datasheet HTML 8Page - Sanyo Semicon Device LC74763M Datasheet HTML 9Page - Sanyo Semicon Device LC74763M Datasheet HTML 10Page - Sanyo Semicon Device LC74763M Datasheet HTML 11Page - Sanyo Semicon Device LC74763M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LC74763, LC74763M
① COMMAND0: Display Memory Write Address Setting Command
First data byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
1
6—
0
The command 0 identification code:
5—
0sets the display memory write address.
4—
0
3V3
0
1
2V2
0
1
Display memory line address (from 0 to B (hexadecimal))
1V1
0
1
0V0
0
1
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
0
Second byte identification code
6—
0
5—
0
4H4
0
1
3H3
0
1
2H2
0
Display memory character address (from 0 to 17 (hexadecimal))
1
1H1
0
1
0H0
0
1
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
➁ COMMAND1: Display Character Data Write Setting Command
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
1
When this command is entered, the
6—
0
The command 1 identification code:
chip locks in display character write
5—
0sets the display memory write address.
mode until the CS pin is set high.
4—
1
3—
0
2—
0
1
at2
0
Turns character attribute 2 off.
Specifies highlight or flashing.
1
Turns character attribute 2 on.
0
at1
0
Turns character attribute 1 off.
Specifies reverse video.
1
Turns character attribute 1 on.
No. 5039-8/21


同様の部品番号 - LC74763M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74763M SANYO-LC74763M Datasheet
419Kb / 19P
   On-Screen Display LSI?
More results

同様の説明 - LC74763M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com