データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC74772V データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LC74772V
部品情報  Camcorder On-Screen Display LSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74772V データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button LC74772V_99 Datasheet HTML 3Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 4Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 5Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 6Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 7Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 8Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 9Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 10Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
x COMMAND 0 (System control setup 1)
First byte
Notes on command settings
1. RSTSYS: A command reset is executed immediately after the data is read.
The reset is cleared by returning the CS pin to high to reset this register. The reset is also cleared if this command is
executed consecutively or if this register is set to 0.
2. RAMCLR: The RAM can only be erased when display is off. This operation is not executed during display. This
operation cannot be executed if the LC oscillator is stopped. Only use this command when the LC oscillator is
operating.
• This command bit is automatically cleared when the RAM erase operation completes.
• Once the RAM erase command has been read in, the following time is required to complete the operation.
— Tclear = 5 [µs] + 4/fOSC (LC-oscillator) × 288
3. OSCSTP: The LC oscillator stop command stops the LC oscillator connected to pins 2 and 3 (OSCIN and OSCOUT).
The oscillator stop command is only executed when display is off. It is not executed if display is in progress.
• In external clock input mode, this command stops the acquisition of that clock signal.
4. TSTMOD: The test mode command is executed if the TESTIN pin (pin 5) is high. This command should not be used
by applications in normal operation.
Note: This register is set to 0 on a reset (either by the RST pin or by a command reset).
No. 5159-7/17
LC74772V
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
6
0
Command 0 identification code
5
0
4
0
3
RST
0
Normal operation
If CS is low, the reset is executed, but if
SYS
1
System reset
CS is high this command will be excluded.
RAM
0
Normal operation
The VRAM clear operation is not
2
executed when the oscillator
CLR
1
Normal operation VRAM clear (All data is set to FE (hexadecimal)) is stopped.
OSC
0
The LC oscillator operating state is maintained.
Valid when the display is off. VRAM write
1
is not possible when the oscillator is
STP
1
The LC oscillator is stopped.
stopped.
0
TST
0
Normal operation
Illegal setting.
MOD
1
Test mode
This bit must always be set to 0.


同様の部品番号 - LC74772V_99

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
More results

同様の説明 - LC74772V_99

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
   On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com