データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC89052TA-E データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC89052TA-E
部品情報  Digital Audio Interface Receiver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89052TA-E データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC89052TA-E Datasheet HTML 5Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 6Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 7Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 8Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 9Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 10Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 11Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 12Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LC89052TA-E
No.7457-9/42
8. Function Description
8.1 System Reset (
_____
PD)
• The system operates normally when
_____
PD pin is set to high level after a supply voltage is rises to 2.7V or higher. When
you set the
_____
PD pin to low again after power is applied, the system is reset.
• When power is on, resetting must be done with the
_____
PD pin set to low.
• If a crystal oscillator is used, you must wait to start normal operation for at least 10ms until the oscillation gets stable
after the
_____
PD pin goes from low to high.
Figure 8.1
_____
PD Pin Levels at Power On
8.2 Low-Power Modes
• The LC89052TA-E supports two low-power modes: the mode in which whole circuit is controlled with the
_____
PD pin
and the mode in which only special functions are controlled by the PDOWN[1:0].
• The low-power mode controlled by the
_____
PD applies to the entire circuit of the LC89052TA-E. All clocks are stopped
and the registers are initialized.
• The pins that are available with the low-power settings except for the oscillation amplifier are only the XIN pin and
XOUT pin. These can be used to provide the master clock for the DSP and other circuits.
• The pins that are available with the PDOWN[1:0] low-power mode settings except those for the oscillator amplifier
and its divider circuit are only the CKOUT, BCK, LRCK, DATAO, SDIN, XIN and XOUT pins. This mode can be
used to minimize power consumption during analog data processing.
• When the oscillator amplifier is stopped by the AMPOPR in a low-power mode setup with PDOWN[1:0] or when this
circuit is already stopped, it is impossible for the LC89052TA-E to provide a clock output. Thus the AMPOPR takes
precedence. Note that the PLLOPR setting is invalid and the PLL circuit is stopped.
• When the low-power mode is set with PDOWN[1:0], it is possible to write to the microcontroller registers. However,
all the sub-code Q and channel status that are read are fixed at a low level.
VDD
PD
2.7V
t
2.0V
t > 200
µ
System reset
System operation


同様の部品番号 - LC89052TA-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC89052TA-E ONSEMI-LC89052TA-E Datasheet
229Kb / 42P
   Digital Audio Interface Receiver
May, 2013
More results

同様の説明 - LC89052TA-E

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com