データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC749403BG データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LC749403BG
部品情報  Silicon gate LCD Picture Quality Improvement IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749403BG データシート(HTML) 2 Page - Sanyo Semicon Device

  LC749403BG Datasheet HTML 1Page - Sanyo Semicon Device LC749403BG Datasheet HTML 2Page - Sanyo Semicon Device LC749403BG Datasheet HTML 3Page - Sanyo Semicon Device LC749403BG Datasheet HTML 4Page - Sanyo Semicon Device LC749403BG Datasheet HTML 5Page - Sanyo Semicon Device LC749403BG Datasheet HTML 6Page - Sanyo Semicon Device LC749403BG Datasheet HTML 7Page - Sanyo Semicon Device LC749403BG Datasheet HTML 8Page - Sanyo Semicon Device LC749403BG Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LC749403BG
No.A1948-2/13
LSI Specifications
• Power supply voltage (typ)
Core block:
1.2V
SDRAM I/F block: 1.8V
I/O block:
1.8V/2.85V/3.3V selectable
• Maximum operating frequency
internal:
36MHz
SDRAM I/F block: 80MHz
• Package: FBGA144 11mm × 11mm (stacked MCP with SDRAM)
Target Application
• LCD display devices, One-Seg broadcast receiver (Car-Navigation, One-Seg TV, Portable DVD player, etc)
Frame interpolation (
×2) example
Smooth image quality is realized by converting One Seg video from 15fps to 30fps using flame interpolation
technique
Jumpy motion
Smooth motion
Interpolation OFF
(15frame/s)
Actual image
Interpolation ON
(30frame/s)
Intermediate image is predicted from
the previous and next image
Interpolated image
Actual image


同様の部品番号 - LC749403BG

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
More results

同様の説明 - LC749403BG

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
logo
Princeton Technology Co...
PT6596 PTC-PT6596 Datasheet
71Kb / 6P
   PICTURE CELL LCD DRIVER IC
logo
NXP Semiconductors
TDA4671 PHILIPS-TDA4671 Datasheet
152Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
TDA4670 PHILIPS-TDA4670 Datasheet
107Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
logo
List of Unclassifed Man...
PQA600A ETC2-PQA600A Datasheet
4Mb / 19P
   Picture Quality Analysis System
logo
Toshiba Semiconductor
TC90205FG TOSHIBA-TC90205FG Datasheet
707Kb / 18P
   Picture quality improver IC embedded T-Con signal generation
2016-04-25 Rev.1.00
logo
NXP Semiconductors
TDA9170 PHILIPS-TDA9170 Datasheet
321Kb / 22P
   YUV picture improvement processor based on histogram modification
October 1994
logo
Siemens Semiconductor G...
SDA9388X SIEMENS-SDA9388X Datasheet
74Kb / 2P
   Single-Chip Picture in Picture IC
logo
Toshiba Semiconductor
TC90202XBG TOSHIBA-TC90202XBG Datasheet
473Kb / 20P
   Picture Quality Improver IC embedded the circuit for timing control signal generation
2016-07-05 Rev.2.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com