データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC863348C データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC863348C
部品情報  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863348C データシート(HTML) 4 Page - Sanyo Semicon Device

  LC863348C Datasheet HTML 1Page - Sanyo Semicon Device LC863348C Datasheet HTML 2Page - Sanyo Semicon Device LC863348C Datasheet HTML 3Page - Sanyo Semicon Device LC863348C Datasheet HTML 4Page - Sanyo Semicon Device LC863348C Datasheet HTML 5Page - Sanyo Semicon Device LC863348C Datasheet HTML 6Page - Sanyo Semicon Device LC863348C Datasheet HTML 7Page - Sanyo Semicon Device LC863348C Datasheet HTML 8Page - Sanyo Semicon Device LC863348C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LC863364C/56C/48C/40C/32C/28C/24C/20C/16C
No.A0116-4/21
Interrupts
• 15 sources 9 vectored interrupts
1. External Interrupt INT0
2. External Interrupt INT1
3. External Interrupt INT2, Timer/counter T0L (Lower 8 bits)
4. External Interrupt INT3, base timer
5. Timer/counter T0H (Upper 8 bits)
6. Timer T1H,T1L
7. SIO0
8. Vertical synchronous signal interrupt (VS), horizontal line (HS), AD
9. IIC, Port 0
• Interrupt priority control
Three interrupt priorities are supported (low, high and highest) and multi-level nesting is possible. Low or high
priority can be assigned to the interrupts from 3 to 9 listed above. For the external interrupt INT0 and INT1, low or
highest priority can be set.
Sub-routine Stack Level
• A maximum of 128 levels (stack is built in the internal RAM)
Multiplication/division Instruction
• 16 bits×8 bits (7 instruction cycle times)
• 16 bits÷8 bits (7 instruction cycle times)
3 Oscillation Circuits
• Built-in RC oscillation circuit used for the system clock
• Built-in VCO circuit used for the system clock and OSD
• X’tal oscillation circuit used for base timer, system clock and PLL reference
Standby Function
• HALT mode
The HALT mode is used to reduce the power dissipation. In this operation mode, the program execution is stopped.
This mode can be released by the interrupt request or the system reset.
• HOLD mode
The HOLD mode is used to stop the oscillations; RC (internal), VCO, and X’tal oscillations. This mode can be
released by the following conditions.
- Pull the reset terminal (RES) to low level.
- Feed the selected level to either P70/INT0 or P71/INT1.
- Input the interrupt condition to Port 0.
Package
• DIP42S (Lead-free type)
• QIP48E (Lead-free type)
Development Tools
• Flash EEPROM: LC86F3364A
• Evaluation chip: LC863096
• Emulator:
EVA86000 (main) + ECB863200* or ECB863200A (evaluation chip board)
+ POD863300 (pod: DIP42S) or POD863301 (pod: QIP48E)
* This product is no longer available


同様の部品番号 - LC863348C

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863348 SANYO-LC863348 Datasheet
653Kb / 20P
   8-Bit Single Chip Microcontroller
LC863348A SANYO-LC863348A Datasheet
653Kb / 20P
   8-Bit Single Chip Microcontroller
More results

同様の説明 - LC863348C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com