データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC863540C データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC863540C
部品情報  8-bit 1-chip Microcontroller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863540C データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC863540C Datasheet HTML 5Page - Sanyo Semicon Device LC863540C Datasheet HTML 6Page - Sanyo Semicon Device LC863540C Datasheet HTML 7Page - Sanyo Semicon Device LC863540C Datasheet HTML 8Page - Sanyo Semicon Device LC863540C Datasheet HTML 9Page - Sanyo Semicon Device LC863540C Datasheet HTML 10Page - Sanyo Semicon Device LC863540C Datasheet HTML 11Page - Sanyo Semicon Device LC863540C Datasheet HTML 12Page - Sanyo Semicon Device LC863540C Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LC863548C/40C/32C/28C/24C/20C/16C
No.A0118-9/17
Continued from preceding page.
• Output form and existence of pull-up resistor for all ports can be specified for each bit.
• Programmable pull-up resistor is always connected regardless of port option, CMOS or N-ch open drain output in port 1.
• Port status in reset
Terminal
I/O
Pull-up resistor status at selecting CMOS output option
Port 0
I
Pull-up resistor OFF, ON after reset release
Port 1
I
Programmable pull-up resistor OFF
Absolute Maximum Ratings / Ta = 25°C, VSS = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD
-0.3
+6.5
Input voltage
VI(1)
RES, HS, VS
-0.3
VDD+0.3
Output voltage
VO(1)
R, G, B, BL, FILT
-0.3
VDD+0.3
Input/output voltage
VIO
Ports 0, 1, 3, 7
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 3, 7
• CMOS output
• For each pin.
-4
Peak
output
current
IOPH(2)
R, G, B, BL
• CMOS output
• For each pin.
-5
ΣIOAH(1)
Ports 0, 1
The total of all pins.
-20
ΣIOAH(2)
Ports 3, 7
The total of all pins.
-10
High
level
output
current
Total
output
current
ΣIOAH(3)
R, G, B, BL
The total of all pins.
-12
IOPL(1)
Ports 0, 1, 3
For each pin.
20
IOPL(2)
Port 7
For each pin.
15
Peak
output
current
IOPL(3)
R, G, B, BL
For each pin.
5
ΣIOAL(1)
Ports 0, 1
The total of all pins.
40
ΣIOAL(2)
Ports 3, 7
The total of all pins.
20
Low
level
output
current
Total
output
current
ΣIOAL(3)
R, G, B, BL
The total of all pins.
12
mA
MFP36SDJ
360
Maximum power
dissipation
Pd max
DIP36S
Ta = -10 to +70°C
610
mW
Operating
temperature range
Topr
-10
+70
Storage
temperature range
Tstg
-55
+125
°C
Recommended Operating Range / Ta = -10°C to +70°C, VSS = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD [V]
min
typ
max
unit
VDD(1)
0.844
µs ≤ tCYC ≤ 0.852µs
4.5
5.5
Operating supply
voltage range
VDD(2)
VDD
4
µs ≤ tCYC ≤ 400µs
4.5
5.5
Hold voltage
VHD
VDD
RAMs and the registers
data are kept in HOLD
mode.
2.0
5.5
VIH(1)
Port 0
Output disable
4.5 to 5.5
0.6VDD
VDD
VIH(2)
• Ports 1, 3 (Schumitt)
• Port 7 (Schumitt)
port input/interrupt
• RES, HS, VS
(Schumitt)
Output disable
4.5 to 5.5
0.75VDD
VDD
High level input
voltage
VIH(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VDD-0.5
VDD
V
Continued on next page.


同様の部品番号 - LC863540C

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863540B SANYO-LC863540B Datasheet
527Kb / 17P
   8-bit 1-chip Microcontroller
More results

同様の説明 - LC863540C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com