データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC863420C データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC863420C
部品情報  8-bit 1-chip Microcontroller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863420C データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC863420C Datasheet HTML 6Page - Sanyo Semicon Device LC863420C Datasheet HTML 7Page - Sanyo Semicon Device LC863420C Datasheet HTML 8Page - Sanyo Semicon Device LC863420C Datasheet HTML 9Page - Sanyo Semicon Device LC863420C Datasheet HTML 10Page - Sanyo Semicon Device LC863420C Datasheet HTML 11Page - Sanyo Semicon Device LC863420C Datasheet HTML 12Page - Sanyo Semicon Device LC863420C Datasheet HTML 13Page - Sanyo Semicon Device LC863420C Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LC863448C/40C/32C/28C/24C/20C/16C
No.A0117-10/18
Recommended Operating Range at Ta = -10
°C to +70°C, VSS = 0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
VDD(1)
0.844
μs ≤ tCYC ≤
0.852
μs
4.5
5.5
Operating
supply voltage
range
VDD(2)
VDD
4
μs ≤ tCYC ≤ 400μs
4.5
5.5
Hold voltage
VHD
VDD
RAMs and the registers
data are kept in HOLD
mode.
2.0
5.5
VIH(1)
Port 0
Output disable
4.5 to 5.5
0.6VDD
VDD
VIH(2)
• Ports 1, 3 (Schumitt)
• Port 7 (Schumitt)
port input/interrupt
• HS , VS , RES (Schumitt)
Output disable
4.5 to 5.5
0.75VDD
VDD
High level input
voltage
VIH(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VDD-0.5
VDD
VIL(1)
Port 0
Output disable
4.5 to 5.5
VSS
0.2VDD
VIL(2)
• Ports 1, 3 (Schumitt)
• Port 7 (Schumitt)
port input/interrupt
• HS , VS , RES (Schumitt)
Output disable
4.5 to 5.5
VSS
0.25VDD
Low level input
voltage
VIL(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VSS
0.6VDD
V
CVIN
VCVIN
CVIN
5.0
0.7Vp-p
1Vp-p
1.4Vp-p
Vp-p*
tCYC(1)
• All functions
operating
4.5 to 5.5
0.844
0.848
0.852
Operation
cycle time
tCYC(2)
• OSD and Data
slicer are not
operating
4.5 to 5.5
0.844
400
μs
Oscillation
frequency
range
FmRC
Internal RC oscillation
4.5 to 5.5
0.4
0.8
3.0
MHz
* Vp-p: Peak-to-peak voltage


同様の部品番号 - LC863420C

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863420A SANYO-LC863420A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC863420B SANYO-LC863420B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
More results

同様の説明 - LC863420C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com