データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC877816A データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC877816A
部品情報  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877816A データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC877816A Datasheet HTML 6Page - Sanyo Semicon Device LC877816A Datasheet HTML 7Page - Sanyo Semicon Device LC877816A Datasheet HTML 8Page - Sanyo Semicon Device LC877816A Datasheet HTML 9Page - Sanyo Semicon Device LC877816A Datasheet HTML 10Page - Sanyo Semicon Device LC877816A Datasheet HTML 11Page - Sanyo Semicon Device LC877816A Datasheet HTML 12Page - Sanyo Semicon Device LC877816A Datasheet HTML 13Page - Sanyo Semicon Device LC877816A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC877816A/12A/08A
No.A0635-10/21
Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Supply voltage
VDD max
VDD1, VDD2, V2
VDD1=VDD2=V2
-0.3
+4.3
V1
-0.3
1/2 VDD
V2
-0.3
VDD
Supply voltage
For LCD
VLCD
V3
-0.3
3/2 VDD
Input voltage
VI
XT1, CF1, RES
-0.3
VDD+0.3
Input/Output voltage
VIO(1)
• Ports 0, 1, 7, C
-0.3
VDD+0.3
V
Peak output
current
IOPH(1)
Ports 0, 1, 7, C
• CMOS output selected
• Current at each pin
-4
ΣIOAH(1)
Port 7
Total of all pins
-10
ΣIOAH(2)
Port 0
Total of all pins
-25
ΣIOAH(3)
Port 1
Total of all pins
-25
Total output
current
ΣIOAH(4)
Port C
Total of all pins
-15
IOPL(1)
Ports 02 to 07
Port 1, 7, C
Current at each pin
6
Peak output
current
IOPL(2)
Port 00, 01
Current at each pin
15
ΣIOAL(1)
Port 7
Total of all pins
10
ΣIOAL(2)
Port 0
Total of all pins
35
ΣIOAL(3)
Port 1
Total of all pins
25
Total output
current
ΣIOAL(4)
Port C
Total of all pins
15
mA
TQFP64J(7
×7)
200
Allowable power
dissipation
Pd max
QIP64E(14
×14)
Ta=-30 to +70°C
420
mW
Operating ambient
temperature
Topr
-30
+70
Storage ambient
temperature
Tstg
-55
+125
°C
Note 1-1: The average current per applicable pin must not exceed 1mA


同様の部品番号 - LC877816A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC877816A SANYO-LC877816A Datasheet
133Kb / 21P
   CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
More results

同様の説明 - LC877816A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com