データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC8784P6PB データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC8784P6PB
部品情報  8-bit ETR Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8784P6PB データシート(HTML) 3 Page - Sanyo Semicon Device

  LC8784P6PB Datasheet HTML 1Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 2Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 3Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 4Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 5Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 6Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 7Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 8Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LC878496PB/C8PB/G0PB/G1PB/J2PB/J3PB/M4PB/P6PB/P7PB
No.A1795-3/29
High Speed Clock Counter
1) Can count clocks with a maximum clock rate of 20MHz
(at a main clock of 10MHz)
(When High-speed clock counter is used, timer 0 cannot be used).
2) Can generate output real time.
SIO: 3 channels
• SIO 0: 8 bit synchronous serial interface
1) LSB first/MSB first mode selectable
2) Built-in 8-bit baudrate generator (4/3 to 512/3 tCYC transfer clock cycle)
3) Automatic continuous data transmission (1 to 256 bits)
• SIO 1: 8 bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2 to or 3 to wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (Half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
• SIO2: 8 bit synchronous serial interface
1) LSB first mode
2) Built-in 3-bit baudrate generator (4/3 to 512/3 tCYC transfer clock cycle)
3) Automatic continuous data transmission (1 to 32 bytes)
UART: 2 channels
1) Full duplex
2) 7/8/9 bit data bits selectable
3) 1 stop bit (2 bits in continuous transmission mode)
4) Built-in 8-bit baudrate generator (with baudrates of 16/3 to 8192/3 tCYC)
AD Converter: 8 bits × 10 channels
PWM: Multifrequency 12-bit PWM × 4 channels
Remote Control Receiver Noise Filtering Function (sharing pins with P73, INT3, and T0IN)
1) Noise filter time constant selectable from 1 tCYC, 32 tCYC, and 128 tCYC
2) The noise filtering function is available for the INT3, T0IN, or T0HCP signal at P73. When P73 is read with an
instruction, the signal level at that pin is read regardless of the availability of the noise filtering function.
Watchdog Timer
• External RC watchdog timer
• Interrupt and reset signals selectable


同様の部品番号 - LC8784P6PB

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

同様の説明 - LC8784P6PB

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com