データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC8784P6PB データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC8784P6PB
部品情報  8-bit ETR Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8784P6PB データシート(HTML) 4 Page - Sanyo Semicon Device

  LC8784P6PB Datasheet HTML 1Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 2Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 3Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 4Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 5Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 6Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 7Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 8Page - Sanyo Semicon Device LC8784P6PB Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LC878496PB/C8PB/G0PB/G1PB/J2PB/J3PB/M4PB/P6PB/P7PB
No.A1795-4/29
Interrupts
• 29 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/INT5/Base timer (BT0, 1)
5
00023H
H or L
T0H/INT6
6
0002BH
H or L
T1L/T1H/INT7
7
00033H
H or L
SIO0/UART1 receive/UART2 receive
8
0003BH
H or L
SIO1/SIO2/UART1 transmit/UART2 transmit
9
00043H
H or L
ADC/T6/T7/PWM4, PWM5
10
0004BH
H or L
Port 0/T4/T5/PWM0, PWM1
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
• The Base timers are two interrupt sources of BT0 and BT1, it is one interrupt source by PWM0 and 1, it is one
interrupt source by PWM4 and 5.
Subroutine Stack Levels
• 6144 levels maximum (1/2 of capacity of RAM, the stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• RC oscillator circuit (internal):
For system clock
• CF oscillator circuit:
For system clock with internal Rf and external Rd
• Crystal oscillator circuit:
For time-of-day clock, for low-speed system clock with internal Rf
and external Rd
• Multifrequency RC oscillator circuit (internal): For system clock
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 222ns, 444ns, 888ns, 1.78μs, 3.55μs, 7.10μs, 14.2μs, 28.4μs,
and 56.8
μs.(at a main clock of 13.5MHz)


同様の部品番号 - LC8784P6PB

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

同様の説明 - LC8784P6PB

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com