データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC8784P7PB データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC8784P7PB
部品情報  8-bit ETR Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8784P7PB データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC8784P7PB Datasheet HTML 5Page - Sanyo Semicon Device LC8784P7PB Datasheet HTML 6Page - Sanyo Semicon Device LC8784P7PB Datasheet HTML 7Page - Sanyo Semicon Device LC8784P7PB Datasheet HTML 8Page - Sanyo Semicon Device LC8784P7PB Datasheet HTML 9Page - Sanyo Semicon Device LC8784P7PB Datasheet HTML 10Page - Sanyo Semicon Device LC8784P7PB Datasheet HTML 11Page - Sanyo Semicon Device LC8784P7PB Datasheet HTML 12Page - Sanyo Semicon Device LC8784P7PB Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LC878496PB/C8PB/G0PB/G1PB/J2PB/J3PB/M4PB/P6PB/P7PB
No.A1795-9/29
Electrical Characteristics
at Ta = -40
°C to +85°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
IIH(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports B, C, E, F
SI2P0 to SI2P3
RES
PWM0, PWM1
Output disable
Pull-up resistor OFF
VIN=VDD
(including the off-leak current of
the output Tr.)
3.0 to 5.5
1
IIH(2)
XT1, XT2
Using as an input port
VIN=VDD
3.0 to 5.5
1
High level input
curre
IIH(3)
CF1
VIN=VDD
3.0 to 5.5
1
5
15
IIL(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports B, C, E, F
SI2P0 to SI2P3
RES
PWM0, PWM1
Output disable
Pull-up resistor OFF
VIN=VDD
(including the off-leak current of
the output Tr.)
3.0 to 5.5
-1
IIL(2)
XT1, XT2
Using as an input port
VIN=VSS
3.0 to 5.5
-1
Low level input
current
IIL(3)
CF1
VIN=VSS
3.0 to 5.5
-15
-5
-1
μA
VOH(1)
IOH=-1.0mA
4.5 to 5.5
VDD-1
VOH(2)
Ports 0, 1, 2, 3
Ports B, C, E, F
Ports 71, 72, 73
SI2P0 to SI2P3
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
VOH(3)
IOH=-10mA
4.5 to 5.5
VDD-1.5
High level output
voltage
VOH(4)
PWM0, PWM1
P30, P31(PWM4,
5 output mode)
IOH=-1.6mA
3.0 to 5.5
VDD-0.4
VOL(1)
IOL=1.0mA
4.5 to 5.5
1.0
VOL(2)
Ports 0, 1, 2, 3
Ports B, C, E, F
Ports 71, 72, 73
SI2P0 to SI2P3
IOL=0.4mA
3.0 to 5.5
0.4
VOL(3)
IOL=10mA
4.5 to 5.5
1.5
VOL(4)
PWM0, PWM1
IOL=1.6mA
3.0 to 5.5
0.4
Low level output
voltage
VOL(5)
Ports 70, 8, XT2
IOL=1.6mA
3.0 to 5.5
0.4
V
Rpu(1)
4.5 to 5.5
15
35
80
Pull-up resistation
Rpu(2)
Ports 0, 1, 2, 3
Port 7
Ports B, C, E, F
VOH=0.9VDD
3.0 to 5.5
15
35
150
k
Ω
Hysteresis voltage
VHYS
RES
Ports 1, 2, 7
SI2P0 to SI2P3
3.0 to 5.5
0.1VDD
V
Pin capacitance
CP
All pins
• For pins other than that under
test: VIN=VSS
• f=1MHz
• Ta=25°C
3.0 to 5.5
10
pF
VDET0
• Excluding the HOLD mode
3.0
3.3
3.6
Power down
detection voltage
VDET1
VDD1
• HOLD mode
1.1
1.6
2.1
V


同様の部品番号 - LC8784P7PB

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

同様の説明 - LC8784P7PB

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com