データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA3117 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 SMA3117
部品情報  Wideband Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA3117 データシート(HTML) 2 Page - Sanyo Semicon Device

  SMA3117 Datasheet HTML 1Page - Sanyo Semicon Device SMA3117 Datasheet HTML 2Page - Sanyo Semicon Device SMA3117 Datasheet HTML 3Page - Sanyo Semicon Device SMA3117 Datasheet HTML 4Page - Sanyo Semicon Device SMA3117 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMA3117
No.8936-2/5
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply Voltage
VCC
4.5
5
5.5
V
Operating Ambient Temperature
Topr
--40
+25
+85
°C
Electrical Characteristics at Ta=25°C, VCC=5V, Zs=ZL=50Ω
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit Current
ICC
18.5
22.7
28.0
mA
Power Gain
Gp
f=1GHz
29.5
31.2
32.5
dB
f=2.2GHz
30.5
33.5
35.5
Isolation
ISL
f=1GHz
35.0
37.6
dB
f=2.2GHz
34.0
36.5
Input Return Loss
RLin
f=1GHz
9.0
11.2
dB
f=2.2GHz
4.5
6.0
Output Return Loss
RLout
f=1GHz
11.0
14.3
dB
f=2.2GHz
12.0
16.3
Noise Figure
NF
f=1GHz
4.1
5.0
dB
f=2.2GHz
3.9
5.0
Gain 1dB Compression Output Power *1
Po(1dB)
f=1GHz
7.5
9.8
dBm
f=2.2GHz
3.7
5.7
Upper Limit Operating Frequency *1
fu
3dB down below flat gain at f=1GHz
3.0
GHz
*1 : On evaluation board
Note) Pay attention to handling since it is liable to be affected by static electricity due to the high frequency process adopted.
Test Circuit
100pF
100pF
1000pF
IN
VCC
OUT
100nH
12
65
3
4
IT15580
Connect 2, 4 and 5 with GND.


同様の部品番号 - SMA3117

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
   MMIC Amplifier
August, 2013
SMA3117-TL-H ONSEMI-SMA3117-TL-H Datasheet
643Kb / 7P
   MMIC Amplifier
August, 2013
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
More results

同様の説明 - SMA3117

メーカー部品番号データシート部品情報
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com