データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-440A-E データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 STK672-440A-E
部品情報  2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-440A-E データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button STK672-440A-E_11 Datasheet HTML 7Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 8Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 9Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 10Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 11Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 12Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 13Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 14Page - Sanyo Semicon Device STK672-440A-E_11 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STK672-440A-E
No.A1128-11/21
[Vref (Voltage setting to be used for the current setting reference)]
• Pin type: Analog input configuration, input pull-down resistor 100kΩ
Input voltage is in the voltage range of 0.2V to 1.8V.
[Input timing]
The control IC of the driver is equipped with a power on reset function capable of initializing internal IC operations
when power is supplied. A 4V typ setting is used for power on reset. Because the specification for the MOSFET gate
voltage is 5V
±5%, conduction of current to output at the time of power on reset adds electromotive stress to the
MOSFET due to lack of gate voltage. To prevent electromotive stress, be sure to set ENABLE=Low while VDD,
which is outside the operating supply voltage, is less than 4.75V.
In addition, if the RESETB terminal is used to initialize output timing, be sure to allow at least 10
μs until CLOCK
input.
ENABLE, CLOCK, and RESETB Signals Input Timing
[Configuration of control block I/O pins]
<Configuration of the MODE1, MODE2, MODE3, CLOCK,
<Configuration of the FAULT2 pin>
CWB, ENABLE, and RESETB input pins>
The input pins of this driver all use Schmitt input. Typical specifications at Tc=25
°C are given below. Hysteresis
voltage is 0.3V (VIHa-VILa).
4Vtyp
3.8Vtyp
At least 10
μs
At least 10
μs
No time specification
Control IC power (VDD) rising edge
Control IC power on reset
RESETB signal input
ENABLE signal input
CLOCK signal input
VIHa
When rising
When falling
1.5Vtyp
VILa
1.8Vtyp
Input voltage
Input pin
5V
VSS
10k
Ω
100k
Ω
5V
Overcurrent
Thermal shutdown
50k
Ω
50k
Ω
Output pin
Pin 8
50k
Ω


同様の部品番号 - STK672-440A-E_11

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-440A-E SANYO-STK672-440A-E Datasheet
147Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results

同様の説明 - STK672-440A-E_11

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com