データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-732A-E データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 STK672-732A-E
部品情報  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-732A-E データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button STK672-732A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 14Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STK672-732A-E
No. A1590-11/19
2. Overcurrent Detection and Overheat Detection Functions
Each detection function operates using a latch system and turns output off. Because a RESET signal is required to
restore output operations, once the power supply, VDD, is turned off, you must either again apply power on reset with
VDDON or apply a RESETB=High→Low→High signal.
[Overcurrent detection]
This hybrid IC is equipped with a function for detecting overcurrent that arises when the motor burns out or when there
is a short between the motor terminals.
Overcurrent detection occurs at 3.5A typ with the STK672-732A-E
Overcurrent detection begins after an interval of no detection (a dead time of 5.5
μs typ) during the initial ringing part
during PWM operations. The no detection interval is a period of time where overcurrent is not detected even if the
current exceeds IOH.
[Overheat detection]
Rather than directly detecting the temperature of the semiconductor device, overheat detection detects the temperature
of the aluminum substrate (144
°C typ).
Within the allowed operating range recommended in the specification manual, if a heat sink attached for the purpose of
reducing the operating substrate temperature, Tc, comes loose, the semiconductor can operate without breaking.
However, we cannot guarantee operations without breaking in the case of operations other than those recommended,
such as operations at a current exceeding IOH max that occurs before overcurrent detection is activated.
5.5
μs typ
IOH max
Normal operation
Set motor
current,
IOH
PWM period
No detection interval
(5.5
μs typ)
MOSFET all OFF
Over-current detection
Operation when motor pins are shorted
Current when motor terminals are shorted


同様の部品番号 - STK672-732A-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

同様の説明 - STK672-732A-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com