データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-740A-E データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 STK672-740A-E
部品情報  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-740A-E データシート(HTML) 5 Page - Sanyo Semicon Device

  STK672-740A-E_11 Datasheet HTML 1Page - Sanyo Semicon Device STK672-740A-E_11 Datasheet HTML 2Page - Sanyo Semicon Device STK672-740A-E_11 Datasheet HTML 3Page - Sanyo Semicon Device STK672-740A-E_11 Datasheet HTML 4Page - Sanyo Semicon Device STK672-740A-E_11 Datasheet HTML 5Page - Sanyo Semicon Device STK672-740A-E_11 Datasheet HTML 6Page - Sanyo Semicon Device STK672-740A-E_11 Datasheet HTML 7Page - Sanyo Semicon Device STK672-740A-E_11 Datasheet HTML 8Page - Sanyo Semicon Device STK672-740A-E_11 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STK672-740A-E
No. A1136-5/19
Precautions
[GND wiring]
• To reduce noise on the 5V system, be sure to place the GND of C01 in the circuit given above as close as possible to
Pin 2 and Pin 6 of the hybrid IC. Also, to achieve accurate current settings, be sure to connect Vref GND to Pin 18
(S.G) used to set the current and to the point where P.G1 and P.G2 share a connection.
[Input pins]
• If VDD is being applied, use care that each input pin does not apply a negative voltage less than -0.3V to S.G, Pin 18,
and do not apply a voltage greater than or equal to VDD voltage.
• Do not wire by connecting the circuit pattern on the P.C.B side to Pins 4, 8, or 11 on the N.C. shown in the internal
block diagram.
• Apply 2.5V High level input to pins 13, 17, 12, 10, 14, and 15.
• Since the input pins do not have built-in pull-up resistors, when the open-collector type pins 13, 17, 12, 10, 14, and 15
are used as inputs, a 1 to 20k
Ω pull-up resistor (to VDD) must be used.
At this time, use a device for the open collector driver that has output current specifications that pull the voltage down
to less than 0.8V at Low level (less than 0.8V at Low level when IOL=5mA).
[Current setting Vref]
• Considering the specifications of the Vref input bias current, IIB, a value of 1kΩ or less is recommended for R02.
• If the motor current is temporarily reduced, the circuit given below (STK672-740A-E: IOH>0.3A) is recommended.
• Motor current peak value IOH setting
IOH=(Vref ÷ 4.9) ÷ Rs
The value of 4.9 in Equation above represents the Vref voltage as divided by a circuit inside the control IC.
Vref=(R02
÷ (R01+R02))×5V(or 3.3V)
Rs is an internal current detection resistor value of the hybrid IC.
STK672-740A-E: Rs=0.089
Ω
5V
R01
R02
R3
5V
R01
R02
R3
Vref
Vref
IOH
0


同様の部品番号 - STK672-740A-E_11

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-740A-E SANYO-STK672-740A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-740A-E ONSEMI-STK672-740A-E Datasheet
142Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

同様の説明 - STK672-740A-E_11

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com