データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLZ34S データシート(PDF) 1 Page - Vishay Siliconix

部品番号 IRLZ34S
部品情報  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLZ34S データシート(HTML) 1 Page - Vishay Siliconix

  IRLZ34S Datasheet HTML 1Page - Vishay Siliconix IRLZ34S Datasheet HTML 2Page - Vishay Siliconix IRLZ34S Datasheet HTML 3Page - Vishay Siliconix IRLZ34S Datasheet HTML 4Page - Vishay Siliconix IRLZ34S Datasheet HTML 5Page - Vishay Siliconix IRLZ34S Datasheet HTML 6Page - Vishay Siliconix IRLZ34S Datasheet HTML 7Page - Vishay Siliconix IRLZ34S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 90418
www.vishay.com
S11-1044-Rev. D, 30-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRLZ34S, IRLZ34L, SiHLZ34S, SiHLZ34L
Vishay Siliconix
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Advanced Process Technology
• Surface Mount (IRLZ34S, SiHLZ34S)
• Low-Profile Through-Hole (IRLZ34L, SiHLZ34L)
• 175 °C Operating Temperature
•Fast Switching
• Fully Avalanche Rated
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay utilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast swichting speed and ruggedized device design that
Power MOSFETs are known for, provides the designer with
an extremely efficient and reliable device for use in a wide
variety of applications.
The D2PAK is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest
power
capability
and
the
lowest
possible
on-resistance in any existing surface mount package. The
D2PAK is suitable for high current applications because of
its low internal connection resistance and can dissipate up
to 2.0 W in a typical surface mount application.
The through-hole version (IRLZ34L, SiHLZ34L) is available
for low-profile applications.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, Starting TJ = 25 °C, L = 285 μH, Rg = 25 , IAS = 30 A (see fig. 12).
c. ISD  30 A, dI/dt  200 A/μs, VDD  VDS, TJ  175 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
60
RDS(on) ()VGS = 5 V
0.05
Qg (Max.) (nC)
35
Qgs (nC)
7.1
Qgd (nC)
25
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
G
D
S
ORDERING INFORMATION
Package
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb) free and Halogen-free
SiHLZ34S-GE3
-
Lead (Pb) free
-
IRLZ34LPbF
-
SiHLZ34L-E3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 10
Continuous Drain Current
VGS at 5 V
TC = 25 °C
ID
30
A
TC = 100 °C
21
Pulsed Drain Currenta
IDM
110
Linear Derating Factor
0.59
W/°C
Single Pulse Avalanche Energyb
EAS
128
mJ
Maximum Power Dissipation
TC = 25 °C
PD
88
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
3.7
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


同様の部品番号 - IRLZ34S

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLZ34S IRF-IRLZ34S Datasheet
363Kb / 10P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRLZ34S VISHAY-IRLZ34S Datasheet
461Kb / 11P
   Power MOSFET
01-Jan-2022
IRLZ34SPBF VISHAY-IRLZ34SPBF Datasheet
461Kb / 11P
   Power MOSFET
01-Jan-2022
IRLZ34S VISHAY-IRLZ34S_V01 Datasheet
461Kb / 11P
   Power MOSFET
01-Jan-2022
More results

同様の説明 - IRLZ34S

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com