データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT14-074 データシート(PDF) 3 Page - Siemens Semiconductor Group

部品番号 BAT14-074
部品情報  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14-074 データシート(HTML) 3 Page - Siemens Semiconductor Group

  BAT14-074 Datasheet HTML 1Page - Siemens Semiconductor Group BAT14-074 Datasheet HTML 2Page - Siemens Semiconductor Group BAT14-074 Datasheet HTML 3Page - Siemens Semiconductor Group BAT14-074 Datasheet HTML 4Page - Siemens Semiconductor Group BAT14-074 Datasheet HTML 5Page - Siemens Semiconductor Group BAT14-074 Datasheet HTML 6Page - Siemens Semiconductor Group BAT14-074 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BAT 14
Semiconductor Group
3
Draft A03 1998-04-01
Electrical Characteristics
2)
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Breakdown voltage
I
R = 10 mA
V
(BR)
3
--
V
Reverse current
V
R = 2 V
I
R
--
1
mA
Forward voltage 1
I
F1 = 0.01 mA
BAT14-013, -014, -033, -034
BAT14-043, -044, -063, -064
BAT14-073, -074, -093, -094
BAT14-103, -104, -113, -114
BAT14-123, -124
V
F1
-
-
-
-
-
-
-
-
-
-
0.31
0.32
0.33
0.35
0.36
V
Forward voltage 2
I
F2 = 1 mA
BAT14-013, -014, -033, -034
BAT14-043, -044, -063, -064
BAT14-073, -074, -093, -094
BAT14-103, -104, -113, -114
BAT14-123, -124
V
F2
-
-
-
-
-
0.42
0.44
0.45
0.46
0.48
0.44
0.45
0.46
0.48
0.50
V
Series resistance
2)
I
F1 = 10 mA, IF2 = 50 mA
BAT14-013, -014
BAT14-033, -034
BAT14-043, -044
BAT14-063, -064
BAT14-073, -074
BAT14-093, -094
BAT14-103, -104
BAT14-113, -114
BAT14-123, -124
R
F
-
-
-
-
-
-
-
-
-
3.0
4.0
3.5
4.5
4.5
5.5
6.0
7.0
8.0
3.5
4.5
4.0
5.0
5.5
6.5
7.0
8.0
9.0
W
R
F
DV
F
40
10
3
Ð
´
-------------------------
W
=


同様の部品番号 - BAT14-074

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAT14-074 SIEMENS-BAT14-074 Datasheet
47Kb / 3P
   Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
More results

同様の説明 - BAT14-074

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com