データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB3H90 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SB3H90
部品情報  High-Voltage Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB3H90 データシート(HTML) 2 Page - Vishay Siliconix

  SB3H90 Datasheet HTML 1Page - Vishay Siliconix SB3H90 Datasheet HTML 2Page - Vishay Siliconix SB3H90 Datasheet HTML 3Page - Vishay Siliconix SB3H90 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
SB3H90, SB3H100
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-11
2
Document Number: 88720
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) PCB mounted with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SB3H90
SB3H100
UNIT
Maximum instantaneous
forward voltage
IF = 3.0 A
TJ = 25 °C
VF (1)
0.80
V
TJ = 125 °C
0.65
Maximum reverse current
at rated VR
TJ = 25 °C
IR (2)
20
μA
TJ = 125 °C
4.0
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB3H90
SB3H100
UNIT
Maximum thermal resistance
RJA (1)
50
°C/W
RJL (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SB3H100-E3/54
1.09
54
1400
13" diameter paper tape and reel
SB3H100-E3/73
1.09
73
1000
Ammo pack packaging
0
25
50
75
100
125
150
175
0
1.0
2.0
3.0
4.0
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
Lead Temperature (°C)
1
10
100
20
10
40
60
80
100
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


同様の部品番号 - SB3H90

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB3H90 VISHAY-SB3H90 Datasheet
97Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
logo
Shenzhen Taychipst Elec...
SB3H90 TAYCHIPST-SB3H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
80Kb / 5P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
More results

同様の説明 - SB3H90

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
   High Voltage Schottky Rectifier
16-Aug-04
MBR1090 VISHAY-MBR1090_12 Datasheet
116Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 30-Nov-10
logo
KODENSHI_AUK CORP.
SDB5100PH-1 KODENSHI-SDB5100PH-1 Datasheet
279Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10100PH-1 KODENSHI-SDB10100PH-1 Datasheet
261Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10100D-1 KODENSHI-SDB10100D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10200D-1 KODENSHI-SDB10200D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10S100D2-1 KODENSHI-SDB10S100D2-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB5150PH-1 KODENSHI-SDB5150PH-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB20D80D2 KODENSHI-SDB20D80D2 Datasheet
260Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com