データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1029X データシート(PDF) 8 Page - Vishay Siliconix

部品番号 SI1029X
部品情報  Complementary N- and P-Channel 60 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1029X データシート(HTML) 8 Page - Vishay Siliconix

Back Button SI1029X_10 Datasheet HTML 2Page - Vishay Siliconix SI1029X_10 Datasheet HTML 3Page - Vishay Siliconix SI1029X_10 Datasheet HTML 4Page - Vishay Siliconix SI1029X_10 Datasheet HTML 5Page - Vishay Siliconix SI1029X_10 Datasheet HTML 6Page - Vishay Siliconix SI1029X_10 Datasheet HTML 7Page - Vishay Siliconix SI1029X_10 Datasheet HTML 8Page - Vishay Siliconix SI1029X_10 Datasheet HTML 9Page - Vishay Siliconix SI1029X_10 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NOTES:
1.
Dimensions in millimeters.
2.
Dimension D does not include mold flash, protrusions or gate
burrs. Mold flush, protrusions or gate burrs shall not exceed
0.15 mm per dimension E1 does not include interlead flash or
protrusion, interlead flash or protrusion shall not exceed
0.15 mm per side.
3.
Dimensions D and E1 are determined at the outmost extremes
of the plastic body exclusive of mold flash, the bar burrs, gate
burrs and interlead flash, but including any mismatch between
the top and the bottom of the plastic body.
4.
Datums A, B and D to be determined 0.10 mm from the lead tip.
5.
Terminal numbers are shown for reference only.
6.
These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
6
4
3
2
4
3
2
5
4
C
aaa
C
M
ccc
A–B
D
2X
e
B
6X b
C
aaa
2X
D
E/2
E
C
bbb
2X
12
3
65
4
E1
A
D
e1
L1
L
A
B
C
A1
A1
SECTION B-B
DETAIL “A”
SEE DETAIL “A”
4
3
2
5
6
Package Information
Vishay Siliconix
Document Number: 71612
25-Jun-01
www.vishay.com
1
SC89: 6 LEADS (SOT 563F)
MILLIMETERS
Tolerances
Dim
Min
Max
Note
Symbol
Of Form And
Position
A
0.56
0.60
aaa
0.10
A1
0.00
0.10
bbb
0.10
b
0.15
0.30
ccc
0.10
c
0.10
0.18
D
1.50
1.70
2, 3
E
1.55
1.70
E1
1.20 BSC
2, 3
e
0.50 BSC
e1
1.00 BSC
L
0.35 BSC
L1
0.20 BSC
ECN: E-00499—Rev. B, 02-Jul-01
DWG: 5880


同様の部品番号 - SI1029X_10

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1029X-T1 VISHAY-SI1029X-T1 Datasheet
113Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X-T1-E3 VISHAY-SI1029X-T1-E3 Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X-T1-GE3 VISHAY-SI1029X-T1-GE3 Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X_08 Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X_V01 Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1029X_10

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1029X-T1 VISHAY-SI1029X-T1 Datasheet
113Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X_08 Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X_V01 Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com