データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1035X データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1035X
部品情報  Complementary N- and P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1035X データシート(HTML) 1 Page - Vishay Siliconix

  SI1035X Datasheet HTML 1Page - Vishay Siliconix SI1035X Datasheet HTML 2Page - Vishay Siliconix SI1035X Datasheet HTML 3Page - Vishay Siliconix SI1035X Datasheet HTML 4Page - Vishay Siliconix SI1035X Datasheet HTML 5Page - Vishay Siliconix SI1035X Datasheet HTML 6Page - Vishay Siliconix SI1035X Datasheet HTML 7Page - Vishay Siliconix SI1035X Datasheet HTML 8Page - Vishay Siliconix SI1035X Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si1035X
Document Number: 71426
S10-2544-Rev. C, 08-Nov-10
www.vishay.com
1
Complementary N- and P-Channel 20 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET: 1.5 V Rated
Very Small Footprint
High-Side Switching
Low On-Resistance:
N-Channel, 5
P-Channel, 8
Low Threshold: ± 0.9 V (typ.)
Fast Switching Speed: 45 ns (typ.)
1.5 V Operation
Gate-Source ESD Protected: 2000 V
Compliant to RoHS Directive 2002/95/EC
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Low Battery Voltage Operation
APPLICATIONS
Replace Digital Transistor, Level-Shifter
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (mA)
N-Channel
20
5 at VGS = 4.5 V
200
7 at VGS = 2.5 V
175
9 at VGS = 1.8 V
150
10 at VGS = 1.5 V
50
P-Channel
- 20
8 at VGS = - 4.5 V
- 150
12 at VGS = - 2.5 V
- 125
15 at VGS = - 1.8 V
- 100
20 at VGS = - 1.5 V
- 30
Marking Code: M
Top View
3
1
D2
G2
S1
5
2
4
6
D1
S2
G1
SC-89
Ordering Information: Si1035X-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Surface mounted on FR4 board.
b. Pulse width limited by maximum junction temperature.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
5 s
Steady State
5 s
Steady State
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 5
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
190
180
- 155
- 145
mA
TA = 85 °C
140
130
- 110
- 105
Pulsed Drain Currentb
IDM
650
- 650
Continuous Source Current (Diode Conduction)
IS
450
380
- 450
- 380
Maximum Power Dissipationa
TA = 25 °C
PD
280
250
280
250
mW
TA = 85 °C
145
130
145
130
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V


同様の部品番号 - SI1035X

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
SI1035X VISHAY-SI1035X Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1035X-T1-E3 VISHAY-SI1035X-T1-E3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X-T1-GE3 VISHAY-SI1035X-T1-GE3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results

同様の説明 - SI1035X

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1016CX VISHAY-SI1016CX Datasheet
200Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X Datasheet
53Kb / 7P
   Complementary N and P-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_V01 Datasheet
159Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_08 Datasheet
107Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
S-80427-Rev. D, 03-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016X-T1 VISHAY-SI1016X-T1 Datasheet
216Kb / 17P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 03-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com