データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1071X データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1071X
部品情報  P-Channel 30 V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1071X データシート(HTML) 1 Page - Vishay Siliconix

  SI1071X Datasheet HTML 1Page - Vishay Siliconix SI1071X Datasheet HTML 2Page - Vishay Siliconix SI1071X Datasheet HTML 3Page - Vishay Siliconix SI1071X Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 65330
www.vishay.com
S09-1619-Rev. A, 31-Aug-09
1
P-Channel 30 V (D-S) MOSFET
SPICE Device Model Si1071X
Vishay Siliconix
DESCRIPTION
The attached SPICE model describes the typical electrical
characteristics of the p-channel vertical DMOS. The
subcircuit model is extracted and optimized over the - 55 °C
to + 125 °C temperature ranges under the pulsed 0 V to
10 V gate drive. The saturated output impedance is best fit at
the gate bias near the threshold voltage. A novel
gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence
difficulties of the switched Cgd model. All model parameter
values are optimized to provide a best fit to the measured
electrical data and are not intended as an exact physical
interpretation of the device.
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the - 55 °C to + 125 °C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse
Recovery Characteristics
SUBCIRCUIT MODEL SCHEMATIC
Note
This document is intended as a SPICE modeling guideline and does not constitute a commercial product datasheet. Designers should refer to
the appropriate datasheet of the same number for guaranteed specification limits.
D
S
DBD
CGS
M1
G
3
R1
M2
Gx
RG
CGD
Gy
ETCV
+ –


同様の部品番号 - SI1071X

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1071X VISHAY-SI1071X Datasheet
136Kb / 6P
   P-Channel 30-V (D-S) MOSFET
S-80641-Rev. B, 24-Mar-08
SI1071X-T1-E3 VISHAY-SI1071X-T1-E3 Datasheet
136Kb / 6P
   P-Channel 30-V (D-S) MOSFET
S-80641-Rev. B, 24-Mar-08
SI1071X-T1-GE3 VISHAY-SI1071X-T1-GE3 Datasheet
136Kb / 6P
   P-Channel 30-V (D-S) MOSFET
S-80641-Rev. B, 24-Mar-08
More results

同様の説明 - SI1071X

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com